Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R92 Datasheet(PDF) 40 Page - Holtek Semiconductor Inc

Part # HT46R92
Description  A/D Type 8-Bit MCU with 1616 High Current LED Driver
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R92 Datasheet(HTML) 40 Page - Holtek Semiconductor Inc

Back Button HT46R92 Datasheet HTML 36Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 37Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 38Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 39Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 40Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 41Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 42Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 43Page - Holtek Semiconductor Inc HT46R92 Datasheet HTML 44Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
HT46R92
Rev. 1.10
40
November 5, 2008
External RTC Oscillator
When the microcontroller enters the Power Down Mode,
the system clock is switched off to stop microcontroller
activity and to conserve power. However, in many
microcontroller applications it may be necessary to keep
some internal functions such as timers operational even
when the microcontroller is in the Power Down Mode. To
do this, a 32768Hz oscillator, also known as the Real
Time Clock or RTC oscillator, is provided. To implement
this clock, the OSC3 and OSC4 pins should be con-
nected to a 32768Hz crystal. However, for some crys-
tals, to ensure oscillation and accurate frequency
generation, it may be necessary to add two small value
external capacitors, C1 and C2. The exact values of C1
and C2 should be selected in consultation with the crys-
tal or resonator manufacturer
¢s specification. The exter-
nal parallel feedback resistor, Rp, is normally not
required but in some cases may be needed to assist
with oscillation start up. The MODS bit in the MODE reg-
ister is used to select whether the external 32768Hz os-
cillator or the External Crystal/External RC is used as
the system oscillator. Using the slower 32768Hz oscilla-
tor as the system oscillator will of course use less power
and is known as the Slow Mode.
Internal Ca, Cb, Rf Typical Values @ 5V, 25
°C
Ca
Cb
Rf
TBD
TBD
TBD
RTC Oscillator Internal Component Values
RTC Oscillator C1 and C2 Values
Crystal Frequency
C1
C2
CL
32768Hz
TBD
TBD
TBD
Note:
1. C1 and C2 values are for guidance only.
2. CL is the crystal manufacturer specified
load capacitor value.
32768 Hz Crystal Recommended Capacitor Values
When the system enters the Power Down Mode, the
32768Hz oscillator will keep running and if it is selected
as the Timer and Watchdog Timer source clock, will also
keep these functions operational.
During power up there is a time delay associated with
the RTC oscillator, waiting for it to start up. The QOSC
bit in the MODE register, is provided to give a quick
start-up function and can be used to minimise this delay.
During a power up condition, this bit will be cleared to 0
which will initiate the RTC oscillator quick start-up func-
tion. However, as there is additional power consumption
associated with this quick start-up function, to reduce
power consumption after start up takes place, it is rec-
ommended that the application program should set the
QOSC bit high about 2 seconds after power on. It should
be noted that, no matter what condition the QOSC bit is
set to, the RTC oscillator will always function normally,
only there is more power consumption associated with
the quick start-up function.
Watchdog Timer Oscillator
The WDT oscillator is a fully self-contained free running
on-chip RC oscillator with a typical period of 65
msat5V
requiring no external components. When the device en-
ters the Power Down Mode, the system clock will stop
running but the WDT oscillator continues to free-run and
to keep the watchdog active. However, to preserve
power in certain applications the WDT oscillator can be
disabled via a configuration option.
O S C 3
O S C 4
R f
T o i n t e r n a l
c i r c u i t s
C 1
C 2
C a
C b
R p
N o t e : 1 . R p i s n o r m a l l y n o t r e q u i r e d .
2 . A l t h o u g h n o t s h o w n O S C 3 / O S C 4 p i n s h a v e a p a r a s i t i c
c a p a c i t a n c e o f a r o u n d 7 p F .
3 2 7 6 8 H z
Internal RC Oscillator + External RTC Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com