Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 182 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 182 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 178Page - Microsemi Corporation AFS090 Datasheet HTML 179Page - Microsemi Corporation AFS090 Datasheet HTML 180Page - Microsemi Corporation AFS090 Datasheet HTML 181Page - Microsemi Corporation AFS090 Datasheet HTML 182Page - Microsemi Corporation AFS090 Datasheet HTML 183Page - Microsemi Corporation AFS090 Datasheet HTML 184Page - Microsemi Corporation AFS090 Datasheet HTML 185Page - Microsemi Corporation AFS090 Datasheet HTML 186Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 334 page
background image
Device Architecture
2- 16 6
R e v isio n 2
Overview of I/O Performance
Summary of I/O DC Input and Output Levels – Default I/O Software Settings
Table 2-86 • Summary of Maximum and Minimum DC Input and Output Levels Applicable to Commercial and
Industrial Conditions
Applicable to Pro I/Os
I/O Standard
Drive
Strength
Slew
Rate
VIL
VIH
VOL
VOH
IOL IOH
Min.
V
Max.
V
Min.
V
Max.
V
Max.
V
Min.
VmA mA
3.3 V LVTTL /
3.3 V LVCMOS
12 mA
High –0.3
0.8
2
3.6
0.4
2.4
12
12
2.5 V LVCMOS
12 mA
High –0.3
0.7
1.7
3.6
0.7
1.7
12
12
1.8 V LVCMOS
12 mA
High –0.3 0.35 * VCCI
0.65 * VCCI
3.6
0.45
VCCI – 0.45 12
12
1.5 V LVCMOS
12 mA
High –0.3 0.35 * VCCI
0.65 * VCCI
3.6
0.25 * VCCI 0.75 * VCCI 12
12
3.3 V PCI
Per PCI Specification
3.3 V PCI-X
Per PCI-X Specification
3.3 V GTL
25 mA2
High –0.3 VREF – 0.05 VREF + 0.05
3.6
0.4
–
25
25
2.5 V GTL
25 mA2
High –0.3 VREF – 0.05 VREF + 0.05
3.6
0.4
–
25
25
3.3 V GTL+
35 mA
High –0.3
VREF – 0.1
VREF + 0.1
3.6
0.6
–
51
51
2.5 V GTL+
33 mA
High –0.3
VREF – 0.1
VREF + 0.1
3.6
0.6
–
40
40
HSTL (I)
8 mA
High –0.3
VREF – 0.1
VREF + 0.1
3.6
0.4
VCCI – 0.4
8
8
HSTL (II)
15 mA2
High –0.3
VREF – 0.1
VREF + 0.1
3.6
0.4
VCCI – 0.4
15
15
SSTL2 (I)
15 mA
High –0.3
VREF – 0.2
VREF + 0.2
3.6
0.54
VCCI – 0.62 15
15
SSTL2 (II)
18 mA
High –0.3
VREF – 0.2
VREF + 0.2
3.6
0.35
VCCI – 0.43 18
18
SSTL3 (I)
14 mA
High –0.3
VREF – 0.2
VREF + 0.2
3.6
0.7
VCCI – 1.1
14
14
SSTL3 (II)
21 mA
High –0.3
VREF – 0.2
VREF + 0.2
3.6
0.5
VCCI – 0.9
21
21
Notes:
1. Currents are measured at 85°C junction temperature.
2. Output drive strength is below JEDEC specification.
3. Output slew rate can be extracted by the IBIS models.
Table 2-87 • Summary of Maximum and Minimum DC Input and Output Levels Applicable to Commercial and
Industrial Conditions
Applicable to Advanced I/Os
I/O Standard
Drive
Strength
Slew
Rate
VIL
VIH
VOL
VOH
IOL
IOH
Min.
V
Max.
V
Min.
V
Max.
V
Max.
V
Min.
VmA
mA
3.3 V LVTTL /
3.3 V LVCMOS
12 mA
High
–0.3
0.8
2
3.6
0.4
2.4
12
12
2.5 V LVCMOS
12 mA
High
–0.3
0.7
1.7
2.7
0.7
1.7
12
12
1.8 V LVCMOS
12 mA
High
–0.3
0.35 * VCCI 0.65 * VCCI
1.9
0.45
VCCI – 0.45
12
12
1.5 V LVCMOS
12 mA
High
–0.3
0.35 * VCCI 0.65 * VCCI 1.575 0.25 * VCCI 0.75 * VCCI
12
12
3.3 V PCI
Per PCI specifications
3.3 V PCI-X
Per PCI-X specifications
Note:
Currents are measured at 85°C junction temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com