Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 183 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 183 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 179Page - Microsemi Corporation AFS090 Datasheet HTML 180Page - Microsemi Corporation AFS090 Datasheet HTML 181Page - Microsemi Corporation AFS090 Datasheet HTML 182Page - Microsemi Corporation AFS090 Datasheet HTML 183Page - Microsemi Corporation AFS090 Datasheet HTML 184Page - Microsemi Corporation AFS090 Datasheet HTML 185Page - Microsemi Corporation AFS090 Datasheet HTML 186Page - Microsemi Corporation AFS090 Datasheet HTML 187Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 167
Table 2-88 • Summary of Maximum and Minimum DC Input and Output Levels Applicable to Commercial and
Industrial Conditions
Applicable to Standard I/Os
I/O Standard
Drive
Strength
Slew
Rate
VIL
VIH
VOL
VOH
IOL IOH
Min.
V
Max.
V
Min.
V
Max.
V
Max.
V
Min.
VmA mA
3.3 V LVTTL /
3.3 V LVCMOS
8 mA
High
–0.3
0.8
2
3.6
0.4
2.4
8
8
2.5 V LVCMOS
8 mA
High
–0.3
0.7
1.7
3.6
0.7
1.7
8
8
1.8 V LVCMOS
4 mA
High
–0.3
0.35 * VCCI 0.65 * VCCI
3.6
0.45
VCCI – 0.45
4
4
1.5 V LVCMOS
2 mA
High
–0.3
0.35 * VCCI 0.65 * VCCI
3.6
0.25 * VCCI 0.75 * VCCI
2
2
Note:
Currents are measured at 85°C junction temperature.
Table 2-89 • Summary of Maximum and Minimum DC Input Levels Applicable to Commercial and Industrial
Conditions
Applicable to All I/O Bank Types
DC I/O Standards
Commercial1
Industrial2
IIL
3
IIH
4
IIL
3
IIH
4
µA
µA
µA
µA
3.3 V LVTTL / 3.3 V LVCMOS
10
10
15
15
2.5 V LVCMOS
10
10
15
15
1.8 V LVCMOS
10
10
15
15
1.5 V LVCMOS
10
10
15
15
3.3 V PCI
10
10
15
15
3.3 V PCI-X
10
10
15
15
3.3 V GTL
10
10
15
15
2.5 V GTL
10
10
15
15
3.3 V GTL+
10
10
15
15
2.5 V GTL+
10
10
15
15
HSTL (I)
10
10
15
15
HSTL (II)
10
10
15
15
SSTL2 (I)
10
10
15
15
SSTL2 (II)
10
10
15
15
SSTL3 (I)
10
10
15
15
SSTL3 (II)
10
10
15
15
Notes:
1. Commercial range (0°C < TJ < 85°C)
2. Industrial range (–40°C < TJ < 100°C)
3. IIL is the input leakage current per I/O pin over recommended operation conditions where –0.3 V < VIN < VIL.
4. IIH is the input leakage current per I/O pin over recommended operating conditions VIH < VIN < VCCI. Input current is
larger when operating outside recommended ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com