Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 185 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 185 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 181Page - Microsemi Corporation AFS090 Datasheet HTML 182Page - Microsemi Corporation AFS090 Datasheet HTML 183Page - Microsemi Corporation AFS090 Datasheet HTML 184Page - Microsemi Corporation AFS090 Datasheet HTML 185Page - Microsemi Corporation AFS090 Datasheet HTML 186Page - Microsemi Corporation AFS090 Datasheet HTML 187Page - Microsemi Corporation AFS090 Datasheet HTML 188Page - Microsemi Corporation AFS090 Datasheet HTML 189Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 334 page
background image
Fusion Family of Mixed Signal FPGAs
R e visio n 2
2 - 169
Table 2-92 • Summary of I/O Timing Characteristics – Software Default Settings
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V,
Worst-Case VCCI = I/O Standard Dependent
Applicable to Pro I/Os
I/O Standard
3.3 V LVTTL/
3.3 V LVCMOS
12 mA High 35
–
0.49 2.74 0.03 0.90 1.17 0.32 2.79 2.14 2.45 2.70 4.46 3.81 ns
2.5 V LVCMOS 12 mA High 35
–
0.49 2.80 0.03 1.13 1.24 0.32 2.85 2.61 2.51 2.61 4.52 4.28 ns
1.8 V LVCMOS 12 mA High 35
–
0.49 2.83 0.03 1.08 1.42 0.32 2.89 2.31 2.79 3.16 4.56 3.98 ns
1.5 V LVCMOS 12 mA High 35
–
0.49 3.30 0.03 1.27 1.60 0.32 3.36 2.70 2.96 3.27 5.03 4.37 ns
3.3 V PCI
Per
PCI
spec
High 10 25 2 0.49 2.09 0.03 0.78 1.25 0.32 2.13 1.49 2.45 2.70 3.80 3.16 ns
3.3 V PCI-X
Per
PCI-X
spec
High 10 25 2 0.49 2.09 0.03 0.77 1.17 0.32 2.13 1.49 2.45 2.70 3.80 3.16 ns
3.3 V GTL
25 mA High 10
25 0.49 1.55 0.03 2.19
–
0.32 1.52 1.55 0.00 0.00 3.19 3.22 ns
2.5 V GTL
25 mA High 10
25 0.49 1.59 0.03 1.83
–
0.32 1.61 1.59 0.00 0.00 3.28 3.26 ns
3.3 V GTL+
35 mA High 10
25 0.49 1.53 0.03 1.19
–
0.32 1.56 1.53 0.00 0.00 3.23 3.20 ns
2.5 V GTL+
33 mA High 10
25 0.49 1.65 0.03 1.13
–
0.32 1.68 1.57 0.00 0.00 3.35 3.24 ns
HSTL (I)
8 mA High 20
50 0.49 2.37 0.03 1.59
–
0.32 2.42 2.35 0.00 0.00 4.09 4.02 ns
HSTL (II)
15 mA High 20
25 0.49 2.26 0.03 1.59
–
0.32 2.30 2.03 0.00 0.00 3.97 3.70 ns
SSTL2 (I)
17 mA High 30
50 0.49 1.59 0.03 1.00
–
0.32 1.62 1.38 0.00 0.00 3.29 3.05 ns
SSTL2 (II)
21 mA High 30
25 0.49 1.62 0.03 1.00
–
0.32 1.65 1.32 0.00 0.00 3.32 2.99 ns
SSTL3 (I)
16 mA High 30
50 0.49 1.72 0.03 0.93
–
0.32 1.75 1.37 0.00 0.00 3.42 3.04 ns
SSTL3 (II)
24 mA High 30
25 0.49 1.54 0.03 0.93
–
0.32 1.57 1.25 0.00 0.00 3.24 2.92 ns
LVDS
24 mA High
–
–
0.49 1.57 0.03 1.36
–
–
–
–
–
–
–
–
ns
LVPECL
24 mA High
–
–
0.49 1.60 0.03 1.22
–
–
–
–
–
–
–
–
ns
Notes:
1. For specific junction temperature and voltage-supply levels, refer to Table 3-6 on page 3-7 for derating values.
2. Resistance is used to measure I/O propagation delays as defined in PCI specifications. See Figure 2-121 on page 2-199
for connectivity. This resistor is not required during normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com