Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AFS090 Datasheet(PDF) 186 Page - Microsemi Corporation

Part # AFS090
Description  Fusion Family of Mixed Signal FPGAs
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

AFS090 Datasheet(HTML) 186 Page - Microsemi Corporation

Back Button AFS090 Datasheet HTML 182Page - Microsemi Corporation AFS090 Datasheet HTML 183Page - Microsemi Corporation AFS090 Datasheet HTML 184Page - Microsemi Corporation AFS090 Datasheet HTML 185Page - Microsemi Corporation AFS090 Datasheet HTML 186Page - Microsemi Corporation AFS090 Datasheet HTML 187Page - Microsemi Corporation AFS090 Datasheet HTML 188Page - Microsemi Corporation AFS090 Datasheet HTML 189Page - Microsemi Corporation AFS090 Datasheet HTML 190Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 334 page
background image
Device Architecture
2- 17 0
R e v isio n 2
Table 2-93 • Summary of I/O Timing Characteristics – Software Default Settings
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V,
Worst-Case VCCI = I/O Standard Dependent
Applicable to Advanced I/Os
I/O Standard
3.3 V LVTTL/
3.3 V LVCMOS
12 mA
High 35 pF
–
0.49 2.64 0.03 0.90 0.32 2.69 2.11 2.40 2.68 4.36 3.78 ns
2.5 V LVCMOS
12 mA
High 35 pF
–
0.49 2.66 0.03 0.98 0.32 2.71 2.56 2.47 2.57 4.38 4.23 ns
1.8 V LVCMOS
12 mA
High 35 pF
–
0.49 2.64 0.03 0.91 0.32 2.69 2.27 2.76 3.05 4.36 3.94 ns
1.5 V LVCMOS
12 mA
High 35 pF
–
0.49 3.05 0.03 1.07 0.32 3.10 2.67 2.95 3.14 4.77 4.34 ns
3.3 V PCI
Per PCI
spec
High 10 pF 25 2 0.49 2.00 0.03 0.65 0.32 2.04 1.46 2.40 2.68 3.71 3.13 ns
3.3 V PCI-X
Per PCI-X
spec
High 10 pF 25 2 0.49 2.00 0.03 0.62 0.32 2.04 1.46 2.40 2.68 3.71 3.13 ns
LVDS
24 mA
High
–
–
0.49 1.37 0.03 1.20 N/A N/A N/A N/A N/A N/A N/A ns
LVPECL
24 mA
High
–
–
0.49 1.34 0.03 1.05 N/A N/A N/A N/A N/A N/A N/A ns
Notes:
1. For specific junction temperature and voltage-supply levels, refer to Table 3-6 on page 3-7 for derating values.
2. Resistance is used to measure I/O propagation delays as defined in PCI specifications. See Figure 2-121 on page 2-199
for connectivity. This resistor is not required during normal operation.
Table 2-94 • Summary of I/O Timing Characteristics – Software Default Settings
Commercial Temperature Range Conditions: TJ = 70°C, Worst-Case VCC = 1.425 V,
Worst-Case VCCI = I/O Standard Dependent
Applicable to Standard I/Os
I/O Standard
3.3 V LVTTL/
3.3 V LVCMOS
8 mA
High
35 pF
–
0.49 3.29 0.03 0.75 0.32 3.36 2.80
1.79
2.01
ns
2.5 V LVCMOS 8 mA
High
35pF
–
0.49 3.56 0.03 0.96 0.32 3.40 3.56
1.78
1.91
ns
1.8 V LVCMOS 4 mA
High
35pF
–
0.49 4.74 0.03 0.90 0.32 4.02 4.74
1.80
1.85
ns
1.5 V LVCMOS 2 mA
High
35pF
–
0.49 5.71 0.03 1.06 0.32 4.71 5.71
1.83
1.83
ns
Note:
For specific junction temperature and voltage-supply levels, refer to Table 3-6 on page 3-7 for derating values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com