Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC403B Datasheet(PDF) 9 Page - Semtech Corporation

Part # SC403B
Description  6A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC403B Datasheet(HTML) 9 Page - Semtech Corporation

Back Button SC403B Datasheet HTML 5Page - Semtech Corporation SC403B Datasheet HTML 6Page - Semtech Corporation SC403B Datasheet HTML 7Page - Semtech Corporation SC403B Datasheet HTML 8Page - Semtech Corporation SC403B Datasheet HTML 9Page - Semtech Corporation SC403B Datasheet HTML 10Page - Semtech Corporation SC403B Datasheet HTML 11Page - Semtech Corporation SC403B Datasheet HTML 12Page - Semtech Corporation SC403B Datasheet HTML 13Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
SC403B
Typical Characteristics
Efficiency vs. Load — Forced Continuous Mode
0%
20%
40%
60%
80%
100%
0.001
0.01
0.1
1
10
IOUT (ADC)
0
0.5
1
1.5
2
2.5
VIN = 12V
VIN = 20V
VIN = 6V
VIN = 12V
VIN = 6V
VIN = 20V
PLOSS
Efficiency
Characteristics in this section are based on using the applicable Detailed Application Circuit — 2.
V
OUT vs. Load — PSAVE Mode
1.14
1.16
1.18
1.20
1.22
1.24
1.26
0.001
0.01
0.1
1
10
IOUT (ADC)
0
0.02
0.04
0.06
0.08
0.1
0.12
VIN = 12V
VIN = 12V
VIN = 6V
VIN = 6V
VIN = 20V
VIN = 20V
VPEAK
Regulation
Efficiency vs. Load — PSAVE Mode
V
OUT = 1.2V, VDD = 5V, EN/PSV is floating, external bias
0
20
40
60
80
100
0.001
0.01
0.1
1
10
IOUT (ADC)
0
0.5
1
1.5
2
2.5
VIN = 12V
VIN = 12V
VIN = 6V
VIN = 6V
VIN = 20V
VIN = 20V
PLOSS
Efficiency
V
OUT vs. Load — Forced Continuous Mode
1.14
1.16
1.18
1.20
1.22
1.24
1.26
0.001
0.01
0.1
1
10
IOUT (ADC)
0
0.025
0.05
0.075
0.1
0.125
0.15
VIN = 12V
VIN = 12V
VIN = 6V
VIN = 6V
VIN = 20V
VIN = 20V
VPEAK
Regulation
V
OUT = 1.2V, VDD = 5V, EN/PSV is floating, external bias
V
OUT = 1.2V, VDD = 5V, = EN/PSV, external bias
V
OUT = 1.2V, VDD = 5V = EN/PSV, external bias
Efficiency vs. Load — PSAVE Mode
V
OUT = 1.2V, VIN = 12V, EN/PSV = VDD, external bias
V
OUT vs. Load — PSAVE Mode
V
OUT = 1.2V, VIN = 12V, EN/PSV = VDD, external bias
0
20
40
60
80
100
0.001
0.01
0.1
1
10
IOUT (ADC)
0
0.5
1
1.5
2
2.5
VDD = 5V
VDD = 5V
VDD = 3.3V
VDD = 3.3V
PLOSS
Efficiency
1.14
1.16
1.18
1.20
1.22
1.24
1.26
0.001
0.01
0.1
1
10
IOUT (ADC)
0
0.02
0.04
0.06
0.08
0.1
0.12
VDD = 3.3V
VDD = 3.3V
VDD = 5V
VDD = 5V
Regulation
VPEAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com