Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC403B Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC403B
Description  6A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC403B Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC403B Datasheet HTML 9Page - Semtech Corporation SC403B Datasheet HTML 10Page - Semtech Corporation SC403B Datasheet HTML 11Page - Semtech Corporation SC403B Datasheet HTML 12Page - Semtech Corporation SC403B Datasheet HTML 13Page - Semtech Corporation SC403B Datasheet HTML 14Page - Semtech Corporation SC403B Datasheet HTML 15Page - Semtech Corporation SC403B Datasheet HTML 16Page - Semtech Corporation SC403B Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
SC403B
Pin Descriptions
Pin #
Pin Name
Pin Function
1
FB
Feedback input for switching regulator used to program the output voltage — connect to an external resis-
tor divider from VOUT to AGND.
2
VOUT
Switcher output voltage sense pin — also the input to the internal switch-over between VOUT and VLDO.
The voltage at this pin must be less than or equal to the voltage at the VDD pin.
3
VDD
Bias supply for the IC — when using the internal LDO as a bias power supply, the VDD is the LDO output.
When using an external power supply to bias the IC, the LDO output should be disabled.
4, 30, PAD 1
AGND
Analog ground
5
FBL
Feedback input for the internal LDO — connect to an external resistor divider from VDD to AGND to pro-
gram the LDO output.
6, 9-11,
PAD 2
VIN
Input supply voltage
7
SS
The soft start time is programmed by an internal current source charging a capacitor on this pin.
8
BST
Bootstrap pin — connect a capacitor of at least 100nF from BST to LX to develop the floating supply for the
high-side gate drive.
12
NC
No connection
13
LXBST
LX Boost — connect to the BST capacitor.
23-25, PAD 3
LX
Switching (phase) node
14
NC
No connection
15-22
PGND
Power ground
26
PGOOD
Open-drain power good indicator — high impedance indicates power is good. An external pull-up
resistor is required.
27
ILIM
Current limit sense pin — used to program the current limit by connecting a resistor from ILIM to LXS.
28
LXS
LX sense — connects to R
ILIM.
29
EN/PSV
Enable/power-save input for the switching regulator — connect to AGND to disable the switching regulator.
Float to operate in forced continuous mode (PSAVE disabled). Connect to VDD to operate with PSAVE mode
enabled.
31
TON
On-time programming input — set the on-time by connecting through a resistor to AGND.
32
ENL
Enable input for the LDO — connect ENL to AGND to disable the LDO. Drive with logic signal for logic con-
trol, or program the VIN UVLO with a resistor divider between VIN, ENL, and AGND pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com