Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC403B Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC403B
Description  6A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC403B Datasheet(HTML) 1 Page - Semtech Corporation

  SC403B Datasheet HTML 1Page - Semtech Corporation SC403B Datasheet HTML 2Page - Semtech Corporation SC403B Datasheet HTML 3Page - Semtech Corporation SC403B Datasheet HTML 4Page - Semtech Corporation SC403B Datasheet HTML 5Page - Semtech Corporation SC403B Datasheet HTML 6Page - Semtech Corporation SC403B Datasheet HTML 7Page - Semtech Corporation SC403B Datasheet HTML 8Page - Semtech Corporation SC403B Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
© 2011 Semtech Corporation
1
SC403B
6A EcoSpeed® Integrated FET
Regulator with Programmable LDO
Features
Power System:
Input voltage — 3V to 28V
Internal or external bias voltage — 3V to 5.5V
Reference Voltage — 600mV
Integrated bootstrap switch
Programmable LDO output — 200mA
1% reference tolerance -40 to +85 °C
EcoSpeed® architecture with pseudo-fixed fre-
quency adaptive on-time control
Logic Input/Output Control:
Independent control EN for LDO and switcher
Programmable V
IN UVLO threshold
Power good output
Selectable power save mode
Programmable soft start time
Protections:
Over-voltage and under-voltage
TC compensated R
DS(ON) sensed current limit
Thermal shutdown
Any ESR — SP, POSCAP, OSCON, and ceramic capacitors
Package:
Lead-free package — 5x5mm, 32-pin MLPQ
Fully RoHS/WEEE compliant and halogen-free
Applications
Office automation and computing
Networking and telecommunication equipment
Point of load power supplies and module replacement
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
•
Description
The SC403B is a stand-alone synchronous EcoSpeed® buck
power supply which incorporates Semtech’s advanced
patented adaptive on-time control architecture. It pro-
vides excellent light-load efficiency and fast transient
response. It features integrated power MOSFETs, a boot-
strap switch, and a programmable LDO in a 5x5mm
package. The device is highly efficient and uses minimal
PCB area.
The SC403B supports using standard capacitor types such
as electrolytic or special polymer, in addition to ceramic, at
switching frequencies up to 1MHz. The programmable
frequency, synchronous operation, and selectable power-
save provide high efficiency operation over a wide load
range.
Additional features include a programmable soft-start,
programmable cycle-by-cycle over-current limit protec-
tion, under and over-voltage protections, soft shutdown,
and selectable power-save. The device also provides sep-
arate enable inputs for the PWM controller and LDO as
well as a power good output for the PWM controller.
The wide input and bias voltage ranges, programmable
frequency, and programmable LDO make the device
extremely flexible and easy to use in a broad range of
applications. The SC403B can be used in server computers
and single cell or multi-cell battery systems in addition to
traditional DC power supply applications.
Rev. 2.1
POWER MANAGEMENT
RTON
SC403B
FB
VOUT
VDD
VIN
SS
BST
LX
PGOOD
LXS
ENL
RILIM
CBST
ENABLE/PSAVE
ENABLE LDO
VEXT/LDO
+
RFB1
RFB2
VOUT
COUT
L1
CIN
VIN
PGOOD
TON
1µF
CSOFT
10Ω
Typical Application Circuit
US Patent: 2010/0033215A1


Similar Part No. - SC403B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC403 SEMTECH-SC403 Datasheet
715Kb / 32P
6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
logo
SHENZHEN FUMAN ELECTRON...
SC4032 FUMAN-SC4032 Datasheet
377Kb / 5P
Three-button multi-function pedometer (with high frequency and weight function)
logo
Semtech Corporation
SC403EVB SEMTECH-SC403EVB Datasheet
715Kb / 32P
6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
SC403MLTRT SEMTECH-SC403MLTRT Datasheet
715Kb / 32P
6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
More results

Similar Description - SC403B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC417 SEMTECH-SC417 Datasheet
546Kb / 29P
10A Integrated FET Regulator with Programmable LDO
SC403 SEMTECH-SC403 Datasheet
715Kb / 32P
6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
SC414 SEMTECH-SC414 Datasheet
506Kb / 29P
6A Integrated FET Regulator with 5V LDO
SC417 SEMTECH-SC417_09 Datasheet
595Kb / 30P
10A Integrated FET Regulator with Programmable LDO
SC401B SEMTECH-SC401B Datasheet
1Mb / 32P
15A Integrated FET Regulator with Programmable LDO
SC402B SEMTECH-SC402B Datasheet
1Mb / 32P
10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
SC461 SEMTECH-SC461 Datasheet
878Kb / 31P
EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
SC508 SEMTECH-SC508 Datasheet
847Kb / 32P
EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
SC9301 SEMTECH-SC9301 Datasheet
1Mb / 29P
10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
logo
Vishay Siliconix
SIC417 VISHAY-SIC417_13 Datasheet
928Kb / 21P
10-A, 28-V Integrated Buck Regulator with Programmable LDO
14-Jun-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com