Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC403B Datasheet(PDF) 15 Page - Semtech Corporation

Part # SC403B
Description  6A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC403B Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SC403B Datasheet HTML 11Page - Semtech Corporation SC403B Datasheet HTML 12Page - Semtech Corporation SC403B Datasheet HTML 13Page - Semtech Corporation SC403B Datasheet HTML 14Page - Semtech Corporation SC403B Datasheet HTML 15Page - Semtech Corporation SC403B Datasheet HTML 16Page - Semtech Corporation SC403B Datasheet HTML 17Page - Semtech Corporation SC403B Datasheet HTML 18Page - Semtech Corporation SC403B Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
15
SC403B
Synchronous Buck Converter
The SC403B is a step down synchronous DC-DC buck
converter with integrated power MOSFETs and a 200mA
programmable LDO. The device operates at a current up
to 6A at very high efficiency. A space saving 5x5 (mm) 32-
pin package is used. The programmable operating fre-
quency of up to 1MHz enables optimizing the
configuration for PCB area and efficiency.
The buck controller uses a pseudo-fixed frequency adap-
tive on-time control. This control method allows fast tran-
sient response which permits the use of smaller output
capacitors.
In addition to the following information, the user can
click on the applicable link to go to the SC403B online
C-SIM design and simulation tool, which will lead the
user through the design process.
Input Voltage Requirements
The SC403B requires two input supplies for normal opera-
tion: V
IN and VDD. VIN operates over a wide range from 3V to
28V. VDD requires a supply voltage between 3V to 5V that
can be an external source or the internal LDO from V
IN.
Power Up Sequence
The SC403B initiates a start up when VIN, VDD, and EN/
PSV pins are above the applicable thresholds. When using
an external bias supply for the V
DD voltage, it is recom-
mended that the V
DD is applied to the device only after
the V
IN voltage is present because VDD cannot exceed VIN
at any time. A 10Ω resistor must be placed between the
external V
DD supply and the VDD pin to avoid damage to
the device during power-up and or shutdown situations
where V
DD could exceed VIN unexpectedly.
Shutdown
The SC403B can be shutdown by pulling either VDD or
EN/PSV pin below its threshold. When using an external
supply voltage for V
DD, the VDD pin must be deactivated
while the V
IN voltage is still present. A 10Ω resistor must
be placed between the external V
DD supply and the VDD
pin to avoid damage to the device.
When the VDD pin is active and EN/PSV is at low logic level,
the output voltage discharges through an internal FET.
Psuedo-fixed Frequency Adaptive On-time Control
The PWM control method used by the SC403B is pseudo-
fixed frequency, adaptive on-time, as shown in Figure 1.
The ripple voltage generated at the output capacitor ESR
is used as a PWM ramp signal. This ripple is used to trigger
the controller on-time.
Q1
Q2
L
COUT
ESR
+
CIN
VOUT
FB Threshold
VFB
VLX
VLX
TON
FB
VIN
Figure 1 — PWM Control Method, V
OUT Ripple
The adaptive on-time is determined by an internal one-
shot timer. When the one-shot is triggered by the output
ripple, the device sends a single on-time pulse to the high-
side MOSFET. The pulse period is determined by V
OUT and
V
IN. The period is proportional to output voltage and
inversely proportional to input voltage. With this adaptive
on-time arrangement, the device automatically antici-
pates the on-time needed to regulate V
OUT for the present
V
IN condition and at the selected frequency.
The advantages of adaptive on-time control are:
Predictable operating frequency compared to
other variable frequency methods.
Reduced component count by eliminating the
error amplifier and compensation components.
Reduced component count by removing the
need to sense and control inductor current.
Fast transient response — the response time is
controlled by a fast comparator instead of a typi-
cally slow error amplifier.
Reduced output capacitance due to fast tran-
sient response
•
•
•
•
•
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com