Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC403B Datasheet(PDF) 16 Page - Semtech Corporation

Part # SC403B
Description  6A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC403B Datasheet(HTML) 16 Page - Semtech Corporation

Back Button SC403B Datasheet HTML 12Page - Semtech Corporation SC403B Datasheet HTML 13Page - Semtech Corporation SC403B Datasheet HTML 14Page - Semtech Corporation SC403B Datasheet HTML 15Page - Semtech Corporation SC403B Datasheet HTML 16Page - Semtech Corporation SC403B Datasheet HTML 17Page - Semtech Corporation SC403B Datasheet HTML 18Page - Semtech Corporation SC403B Datasheet HTML 19Page - Semtech Corporation SC403B Datasheet HTML 20Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
16
SC403B
One-Shot Timer and Operating Frequency
One-shot timer operation is shown in Figure 2. The FB
Comparator output goes high when V
FB is less than the
internal reference. This feeds into the gate drive and turns
on the high-side MOSFET, and starts the one-shot timer.
The one-shot timer uses an internal comparator and a
capacitor. One comparator input is connected to V
OUT, the
other input is connected to the capacitor. When the on-
time begins, the internal capacitor charges from zero volts
through a current which is proportional to V
IN. When the
capacitor voltage reaches V
OUT, the on-time is completed
and the high-side MOSFET turns off.
Gate
Drives
FB Comparator
One-Shot
Timer
On-time = K x RTON x (VOUT/VIN)
VOUT
VIN
FB
Q1
Q2
L
COUT
VIN
ESR
+
VOUT
VLX
FB
DH
DL
RTON
+
-
Figure 2 — On-Time Generation
This method automatically produces an on-time that is
proportional to V
OUT and inversely proportional to VIN.
Under steady-state conditions, the switching frequency
can be determined from the on-time by the following
equation.
IN
ON
OUT
SW
V
T
V
f
The SC403B uses an external resistor to set the on-time
which indirectly sets the frequency. The on-time can be
programmed to provide an operating frequency from
200kHz to 1MHz using a resistor between the TON pin and
ground. The resistor value is
selected by the following
equation.
OUT
IN
ON
TON
V
pF
25
V
)
ns
10
t(
R
The maximum R
TON value allowed is shown by the follow-
ing equation.
A
5
.
1
10
V
R
MIN
_
IN
MAX
_
TON
Immediately after the on-time, the DL (drive signal for the
low side FET) output drives high to turn on the low-side
MOSFET. DL has a minimum high time of ~320ns, after
which DL continues to stay high until one of the following
occurs:
VFB falls below the reference
The zero cross detector senses that the voltage
on the LX node is below ground. Power save is
activated eight switching cycles after a zero
crossing is detected.
TON Limitations and V
DD Supply Voltage
For V
DD below 4.5V, the TON accuracy may be limited by
the input voltage.
The original R
TON equation is accurate if VIN satisfies the
relationship over the entire V
IN range, as follows.
V
IN < (VDD - 1.6V) x 10
If V
IN exceeds (V
DD - 1.6V) x 10, for all or part of the VIN
range, the R
TON equation is not accurate. In all cases where
V
IN > (V
DD - 1.6V) x 10, the RTON equation must be modified,
as follows.
OUT
DD
ON
TON
V
25pF
10
1.6V)
(V
10ns)
(T
R
Note that when V
IN > (V
DD - 1.6V) x 10 , the actual on-time
is fixed and does not vary with V
IN. When operating in this
condition, the switching frequency will vary inversely with
V
IN rather than approximating a fixed frequency.
V
OUT Voltage Selection
The switcher output voltage is regulated by comparing
V
OUT as seen through a resistor divider at the FB pin to the
internal reference voltage, see Figure 3.
R1
To FB pin
R2
VOUT
Figure 3 — Output Voltage Selection
•
•
Applications Information (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com