Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10RB8AFP Datasheet(PDF) 59 Page - Renesas Technology Corp

Part # R5F10RB8AFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RB8AFP Datasheet(HTML) 59 Page - Renesas Technology Corp

Back Button R5F10RB8AFP Datasheet HTML 55Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 56Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 57Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 58Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 59Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 60Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 61Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 62Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 63Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 76 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (TARGET)
Page 59 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
Caution
The pins mounted depend on the product.
Refer to 1.3.1
32-pin products to 1.3.5
64-pin
products.
LVD Detection Voltage of Interrupt & Reset Mode
(TA =
−40 to +85°C, VPDR ≤ EVDD = VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VLVI13
VPOC0, VPOC1, VPOC2 = 0, 0, 0, falling reset voltage: 1.6 V
1.60
1.63
1.66
V
Rising release reset voltage
1.74
1.77
1.81
V
VLVI12
LVIS0, LVIS1 = 1, 0
(+0.1 V)
Falling interrupt voltage
1.70
1.73
1.77
V
Rising release reset voltage
1.84
1.88
1.91
V
VLVI11
LVIS0, LVIS1 = 0, 1
(+0.2 V)
Falling interrupt voltage
1.80
1.84
1.87
V
Rising release reset voltage
2.86
2.92
2.97
V
VLVI4
LVIS0, LVIS1 = 0, 0
(+1.2 V)
Falling interrupt voltage
2.80
2.86
2.91
V
VLVI11
VPOC0, VPOC1, VPOC2 = 0, 0, 1, falling reset voltage: 1.8 V
1.80
1.84
1.87
V
Rising release reset voltage
1.94
1.98
2.02
V
VLVI10
LVIS0, LVIS1 = 1, 0
(+0.1 V)
Falling interrupt voltage
1.90
1.94
1.98
V
Rising release reset voltage
2.05
2.09
2.13
V
VLVI9
LVIS0, LVIS1 = 0, 1
(+0.2 V)
Falling interrupt voltage
2.00
2.04
2.08
V
Rising release reset voltage
3.07
3.13
3.19
V
VLVI2
LVIS0, LVIS1 = 0, 0
(+1.2 V)
Falling interrupt voltage
3.00
3.06
3.12
V
VLVI8
VPOC0, VPOC1, VPOC2 = 0, 1, 0, falling reset voltage: 2.4 V
2.40
2.45
2.50
V
Rising release reset voltage
2.56
2.61
2.66
V
VLVI7
LVIS0, LVIS1 = 1, 0
(+0.1 V)
Falling interrupt voltage
2.50
2.55
2.60
V
Rising release reset voltage
2.66
2.71
2.76
V
VLVI6
LVIS0, LVIS1 = 0, 1
(+0.2 V)
Falling interrupt voltage
2.60
2.65
2.70
V
Rising release reset voltage
3.68
3.75
3.82
V
VLVI1
LVIS0, LVIS1 = 0, 0
(+1.2 V)
Falling interrupt voltage
3.60
3.67
3.74
V
VLVI5
VPOC0, VPOC1, VPOC2 = 0, 1, 1, falling reset voltage: 2.7 V
2.70
2.75
2.81
V
Rising release reset voltage
2.86
2.92
2.97
V
VLVI4
LVIS0, LVIS1 = 1, 0
(+0.1 V)
Falling interrupt voltage
2.80
2.86
2.91
V
Rising release reset voltage
2.96
3.02
3.08
V
VLVI3
LVIS0, LVIS1 = 0, 1
(+0.2 V)
Falling interrupt voltage
2.90
2.96
3.02
V
Rising release reset voltage
3.98
4.06
4.14
V
Interrupt and reset
mode
VLVI0
LVIS0, LVIS1 = 0, 0
(+1.2 V)
Falling interrupt voltage
3.90
3.98
4.06
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com