Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10RB8AFP Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # R5F10RB8AFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RB8AFP Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button R5F10RB8AFP Datasheet HTML 11Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 12Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 13Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 14Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 15Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 16Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 17Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 18Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 76 page
background image
RL78/L12
1. OUTLINE
Page 15 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
1.6 Outline of Functions
Caution
This outline describes the functions at the time when Peripheral I/O redirection register (PIOR)
is set to 00H.
(1/2)
32-pin
44-pin
48-pin
52-pin
64-pin
Item
R5F10RBx
R5F10RFx
R5F10RGx
R5F10RJx
R5F10RLx
Code flash memory (KB)
8 to 32
8 to 32
8 to 32
8 to 32
16, 32
Data flash memory (KB)
2
2
2
2
2
RAM (KB)
1, 1.5
Note 1
1, 1.5
Note 1
1, 1.5
Note 1
1, 1.5
Note 1
1, 1.5
Note 1
Memory space
1 MB
High-speed system
clock
X1 (crystal/ceramic) oscillation, external main system clock input (EXCLK)
1 to 20 MHz: VDD = 2.7 to 5.5 V, 1 to 8 MHz: VDD = 1.8 to 2.7 V, 1 to 4 MHz: VDD =
1.6 to 1.8 V
Main system
clock
High-speed on-chip
oscillator clock
High-speed operation: 1 to 24 MHz (VDD = 2.7 to 5.5 V), High-speed operation: 1
to 16 MHz (VDD = 2.4 to 5.5 V), Low-speed operation: 1 to 8 MHz (VDD = 1.8 to 5.5
V), Low-voltage operation: 1 to 4 MHz (VDD = 1.6 to 5.5 V)
Subsystem clock
−
XT1 (crystal) oscillation , external subsystem clock input (EXCLKS)
32.768 kHz (TYP.): VDD = 1.6 to 5.5 V
Low-speed on-chip oscillator clock
Internal oscillation
15 kHz (TYP.): VDD = 1.6 to 5.5 V
General-purpose register
8 bits
× 32 registers (8 bits × 8 registers × 4 banks)
0.04167
μs (High-speed on-chip oscillator clock: fIH = 24 MHz operation)
0.05
μs (High-speed system clock: fMX = 20 MHz operation)
Minimum instruction execution time
30.5
μs (Subsystem clock: fSUB = 32.768 kHz operation)
Instruction set
• Data transfer (8/16 bits)
• Adder and subtractor/logical operation (8/16 bits)
• Multiplication (8 bits × 8 bits)
• Rotate, barrel shift, and bit manipulation (Set, reset, test, and Boolean
operation), etc.
I/O port
Total
20
29
33
37
47
CMOS I/O
15
22
26
30
39
CMOS input
3
5
5
5
5
CMOS output
−
−
−
−
1
N-ch open-drain I/O
(6 V tolerance)
2
2
2
2
2
16-bit timer
8 channels
8 channels (with 1 channel remote control output function)
Watchdog timer
1 channel
Timer
Real-time clock (RTC)
1 channel
Interval timer (IT)
1 channel
Timer output
4 channels
(PWM outputs:
3
Note 2)
5 channels
(PWM outputs:
4
Note 2)
6 channels
(PWM outputs:
5
Note 2)
8 channels (PWM outputs: 7
Note 2)
RTC output
−
1
• 1 Hz (subsystem clock: fSUB = 32.768 kHz or )
Notes 1.
In the case of the 1 KB, and 1.5 KB, this is 630 bytes when the self-programming function and data
flash function is used.
2.
The number of outputs varies, depending on the setting.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com