Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10RB8AFP Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # R5F10RB8AFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RB8AFP Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button R5F10RB8AFP Datasheet HTML 14Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 15Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 16Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 17Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 18Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 19Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 20Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 21Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 76 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (TARGET)
Page 18 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
Caution
The pins mounted depend on the product.
Refer to 1.3.1
32-pin products to 1.3.5
64-pin
products.
2.1 Absolute Maximum Ratings
Absolute Maximum Ratings (TA = 25
°C) (1/3)
Parameter
Symbols
Conditions
Ratings
Unit
VDD
VDD = EVDD
−0.5 to +6.5
V
EVDD
VDD = EVDD
−0.5 to +6.5
V
VSS
−0.5 to +0.3
V
Supply voltage
EVSS
−0.5 to +0.3
V
REGC pin input voltage VIREGC
REGC
−0.3 to +2.8
and
−0.3 to VDD +0.3Note 1
V
VI1
P10 to P17, P30 to P32, P40 to P43, P50 to P54,
P70 to P74, P120, P125 to P127,
P140 to P147
−0.3 to EVDD +0.3
and
−0.3 to VDD +0.3Note 2
V
VI2
P60, P61 (N-ch open-drain)
−0.3 to +6.5
V
Input voltage
VI3
P20, P21, P121 to P124, P137, EXCLK,
EXCLKS, RESET
−0.3 to VDD +0.3Note 2
V
VO1
P10 to P17, P30 to P32, P40 to P43,
P50 to P54, P60, P61, P70 to P74, P120,
P125 to P127, P130, P140 to P147
−0.3 to EVDD +0.3
and
−0.3 to VDD +0.3Note 2
V
Output voltage
VO2
P20, P21
−0.3 to VDD +0.3
V
VAI1
ANI16 to ANI23
−0.3 to EVDD +0.3
and
−0.3 to AVREFP +0.3Note2
V
Analog input voltage
VAI2
ANI0, ANI1
−0.3 to VDD +0.3
and
−0.3 to AVREFP +0.3Note2
V
Notes 1.
Connect the REGC pin to Vss via a capacitor (0.47 to 1
μF). This value regulates the
absolute maximum rating of the REGC pin.
Do not use this pin with voltage applied to it.
2.
Must be 6.5 V or lower.
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for
any parameter. That is, the absolute maximum ratings are rated values at which the product is
on the verge of suffering physical damage, and therefore the product must be used under
conditions that ensure that the absolute maximum ratings are not exceeded.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the
port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com