Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10RB8AFP Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # R5F10RB8AFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RB8AFP Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button R5F10RB8AFP Datasheet HTML 16Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 17Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 18Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 19Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 20Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 21Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 22Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 23Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 76 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (TARGET)
Page 20 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
Caution
The pins mounted depend on the product.
Refer to 1.3.1
32-pin products to 1.3.5
64-pin
products.
Absolute Maximum Ratings (TA = 25
°C) (3/3)
Parameter
Symbols
Conditions
Ratings
Unit
Per pin
P10 to P17, P30 to P32, P40 to
P43, P50 to P54, P70 to P74,
P120, P125 to P127, P130, P140
to P147
−40
mA
P10 to P14, P40 to P43, P120,
P130, P140 to P147
−70
mA
IOH1
Total of all pins
−170 mA
P15 to P17, P30 to P32, P50 to
P54, P70 to P74, P125-P127
−100
mA
Per pin
−0.5
mA
Output current, high
IOH2
Total of all pins
P20, P21
−1
mA
Per pin
P10 to P17, P30 to P32, P40 to
P43, P50 to P54, P60, P61, P70
to P74, P120, P125 to P127,
P130, P140 to P147
40
mA
P10 to P14, P40 to P43, P120,
P130, P140 to P147
70
mA
IOL1
Total of all pins
170 mA
P15 to P17, P30 to P32, P50 to
P54, P60, P61, P70 to P74, P125
to P127
100
mA
Per pin
1
mA
Output current, low
IOL2
Total of all pins
P20, P21
2
mA
In normal operation mode
Operating ambient
temperature
TA
In flash memory programming mode
−40 to +85
°C
Storage temperature
Tstg
−65 to +150
°C
Caution
Product quality may suffer if the absolute maximum rating is exceeded even momentarily for
any parameter. That is, the absolute maximum ratings are rated values at which the product is
on the verge of suffering physical damage, and therefore the product must be used under
conditions that ensure that the absolute maximum ratings are not exceeded.
Remark
Unless specified otherwise, the characteristics of alternate-function pins are the same as those of the
port pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com