Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F10RB8AFP Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # R5F10RB8AFP
Description  Integrated LCD controller/driver, True Low Power Platform (as low as 75 關A/MHz, and 0.64 關A for RTC LVD), 1.6 V to 5.5 V operation, 8 to 32 Kbyte Flash, 31 DMIPS at 24 MHz, for All LCD Based Applications
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RB8AFP Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button R5F10RB8AFP Datasheet HTML 27Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 28Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 29Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 30Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 31Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 32Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 33Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 34Page - Renesas Technology Corp R5F10RB8AFP Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (TARGET)
Page 31 of 73
R01DS0157EJ0001 Rev.0.01
2012.02.20
Under development
Preliminary document
Specifications in this document are tentative and subject to change.
Caution
The pins mounted depend on the product.
Refer to 1.3.1
32-pin products to 1.3.5
64-pin
products.
(TA =
−40 to +85°C, 1.6 V ≤ EVDD = VDD ≤ 5.5 V, VSS = EVSS = 0 V)
(2/2)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
VDD = 5.0 V
0.44
T.B.D.
mA
fIH = 24 MHz
Note 4
VDD = 3.0 V
0.44
T.B.D.
mA
VDD = 5.0 V
0.40
T.B.D.
mA
High-speed
operation
Note 7
fIH = 16 MHz
Note 4
VDD = 3.0 V
0.40
T.B.D.
mA
VDD = 3.0 V
260
T.B.D.
μA
Low-speed
operation
Note 7
fIH = 8 MHz
Note 4
VDD = 2.0 V
260
T.B.D.
μA
VDD = 3.0 V
420
T.B.D.
μA
Low-voltage
operation
fIH = 4 MHz
Note 4
VDD = 2.0 V
420
T.B.D.
μA
Square wave input
0.28
T.B.D.
mA
fMX = 20 MHz
Note 3,
VDD = 5.0 V
Resonator connection
0.45
T.B.D.
mA
Square wave input
0.28
T.B.D.
mA
fMX = 20 MHz
Note 3,
VDD = 3.0 V
Resonator connection
0.45
T.B.D.
mA
Square wave input
0.19
T.B.D.
mA
fMX = 10 MHz
Note 3,
VDD = 5.0 V
Resonator connection
0.26
T.B.D.
mA
Square wave input
0.19
T.B.D.
mA
High-speed
operation
Note 7
fMX = 10 MHz
Note 3,
VDD = 3.0 V
Resonator connection
0.26
T.B.D.
mA
Square wave input
95
T.B.D.
μA
fMX = 8 MHz
Note 3,
VDD = 3.0 V
Resonator connection
145
T.B.D.
μA
Square wave input
95
T.B.D.
μA
Low-speed
operation
Note 7
fMX = 8 MHz
Note 3,
VDD = 2.0 V
Resonator connection
145
T.B.D.
μA
Square wave input
0.32
T.B.D.
μA
fSUB = 32.768 kHz
Note 5
TA =
−40C
Resonator connection
0.51
T.B.D.
μA
Square wave input
0.37
T.B.D.
μA
fSUB = 32.768 kHz
Note 5
TA = +25
°C
Resonator connection
0.56
T.B.D.
μA
Square wave input
0.40
T.B.D.
μA
fSUB = 32.768 kHz
Note 5
TA = +50
°C
Resonator connection
0.59
T.B.D.
μA
Square wave input
0.43
T.B.D.
μA
fSUB = 32.768 kHz
Note 5
TA = +70
°C
Resonator connection
0.62
T.B.D.
μA
Square wave input
1.04
T.B.D.
μA
IDD2
Note 2
HALT
mode
Subsystem
clock
operation
fSUB = 32.768 kHz
Note 5
TA = +85
°C
Resonator connection
1.23
T.B.D.
μA
TA =
−40°C
0.18
T.B.D.
μA
TA = +25
°C
0.23
T.B.D.
μA
TA = +50
°C
0.26
T.B.D.
μA
TA = +70
°C
0.29
T.B.D.
μA
Supply
current
Note 1
IDD3
Note 6
STOP
mode
TA = +85
°C
0.90
T.B.D.
μA
(Notes and Remarks are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com