Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2138CSNFP Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # R5F2138CSNFP
Description  RENESAS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2138CSNFP Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button R5F2138CSNFP Datasheet HTML 43Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 44Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 45Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 46Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 47Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 48Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 49Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 50Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 63 page
background image
R8C/38T-A Group
4. Electrical Characteristics
R01DS0081EJ0100 Rev.1.00
Page 47 of 60
Dec 09, 2011
Notes:
1. Vcc = 3.3 V to 5.5 V, single-chip mode, output pins are open, and other pins are Vss.
2. XIN is set to square wave input.
3. fHOCO-F
4. The typical value (Typ.) indicates the current value when the CPU and the memory operate.
The maximum value (Max.) indicates the current value when the CPU, the memory, and the peripheral functions operate and
the flash memory is programmed/erased.
Table 4.15
DC Characteristics (2) [3.3 V
 Vcc  5.5 V]
(Topr =
20°C to 85°C (N version)/40°C to 85°C (D version), unless otherwise
specified)
Symbol
Parameter
Conditions
Standard (4)
Unit
Oscillation
On-Chip Oscillator
CPU Clock
Low-Power-
Consumption
Setting
Other
Min.
Typ. Max.
XIN (2)
XCIN
High-
Speed
Low-
Speed
ICC
Power
supply
current (1)
High-
speed
clock
mode
20 MHz
Off
Off
125 kHz
No division
――
6.5
15
mA
16 MHz
Off
Off
125 kHz
No division
――
5.3
12.5
mA
10 MHz
Off
Off
125 kHz
No division
――
3.6
―
mA
20 MHz
Off
Off
125 kHz
Divide-by-8
――
3.0
―
mA
16 MHz
Off
Off
125 kHz
Divide-by-8
――
2.2
―
mA
10 MHz
Off
Off
125 kHz
Divide-by-8
――
1.5
―
mA
High-
speed on-
chip
oscillator
mode
Off
Off
20 MHz (3)
125 kHz
No division
――
7.0
15
mA
Off
Off
20 MHz (3)
125 kHz
Divide-by-8
――
3.0
―
mA
Off
Off
4 MHz (3)
125 kHz
Divide-by-16 MSTIIC = 1
MSTTRC = 1
―
1
―
mA
Low-
speed on-
chip
oscillator
mode
Off
Off
Off
125 kHz
Divide-by-8 FMR27 = 1
SVC0 = 0
―
90
400
μA
Low-
speed
clock
mode
Off
32 kHz
Off
Off
―
FMR27 = 1
SVC0 = 0
―
85
400
μA
Off
32 kHz
Off
Off
―
FMSTP = 1
SVC0 = 0
Program operation on RAM
Flash memory off
―
47
―μA
Wait
mode
Off
Off
Off
125 kHz
―
VCA27 = 0
VCA26 = 0
VCA25 = 0
SVC0 = 1
While a WAIT instruction is executed
Peripheral clock operation
―
15
100
μA
Off
Off
Off
125 kHz
―
VCA27 = 0
VCA26 = 0
VCA25 = 0
SVC0 = 1
While a WAIT instruction is executed
Peripheral clock off
―
490
μA
Off
32 kHz
Off
Off
―
VCA27 = 0
VCA26 = 0
VCA25 = 0
SVC0 = 1
While a WAIT instruction is executed
Peripheral clock off
―
3.5
―μA
Stop
mode
Off
Off
Off
Off
―
VCA27 = 0
VCA26 = 0
VCA25 = 0
CM10 = 1
Topr = 25°C
Peripheral clock off
―
2.2
6.0
μA
Off
Off
Off
Off
―
VCA27 = 0
VCA26 = 0
VCA25 = 0
CM10 = 1
Topr = 85°C
Peripheral clock off
―
30
―μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com