Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2138CSNFP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # R5F2138CSNFP
Description  RENESAS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2138CSNFP Datasheet(HTML) 3 Page - Renesas Technology Corp

  R5F2138CSNFP Datasheet HTML 1Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 2Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 3Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 4Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 5Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 6Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 7Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 8Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
R8C/38T-A Group
1. Overview
R01DS0081EJ0100 Rev.1.00
Page 3 of 60
Dec 09, 2011
Note:
1. Specify the D version if it is to be used.
Table 1.2
Specifications (2)
Item
Function
Description
Serial interface UART0_0 and
UART0_1
2 channels
Clock synchronous serial I/O mode, clock asynchronous serial I/O mode
UART2
1 channel
Clock synchronous serial I/O mode, clock asynchronous serial I/O mode, I2C
mode (I2C-bus), multiprocessor communication mode
Clock
Synchronous
serial
interface
(SSU)
SSU_0
1 channel (also used for the I2C bus)
(I2C bus)
I2C_0
1 channel (also used for the SSU)
LIN
module
HW-LIN_0
Hardware LIN
1 channel (timer RJ_0, UART0_0, or UART0_1 used)
A/D converter
Resolution: 10 bits × 20 channels, sample and hold function, sweep mode
Comparator B
2 circuits
Touch sensor control unit (TSCU)
System CH × 4, electrostatic capacitive touch detection × 36
CRC calculator
CRC-CCITT (X16 + X12 + X5 + 1), CRC-16 (X16 + X15 + X2 + 1) compliant
Flash memory
• Program/erase voltage: VCC = 2.7 V to 5.5 V
• Program/erase endurance:10,000 times (data flash)
1,000 times (program ROM)
• Program security: ROM code protect, ID code check
• Debug functions: On-chip debug, on-board flash rewrite function
• BGO (background operation) function (data flash)
Operating frequency/
Power supply voltage
CPU clock = 20 MHz (VCC = 2.7 V to 5.5 V)
CPU clock = 5 MHz (VCC = 1.8 V to 5.5 V)
Current consumption
Typ. 6.5 mA (VCC = 5.0 V, f(XIN) = 20 MHz)
Typ. 3.5 mA (VCC = 3.0 V, f(XIN) = 10 MHz)
Typ. 4.0
A (VCC = 3.0 V, wait mode f(XCIN) = 32 kHz)
Typ. 2.2
A (VCC = 3.0 V, stop mode)
Operating ambient temperature
-20
C to 85C (N version)
-40
C to 85C (D version) (1)
Package
80-pin LQFP
Package code: PLQP0080KB-A (previous code: 80P6Q-A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com