Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2138CSNFP Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # R5F2138CSNFP
Description  RENESAS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2138CSNFP Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button R5F2138CSNFP Datasheet HTML 21Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 22Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 23Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 24Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 25Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 26Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 27Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 28Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 63 page
background image
R8C/38T-A Group
3. Address Space
R01DS0081EJ0100 Rev.1.00
Page 25 of 60
Dec 09, 2011
Note:
1. The blank areas are reserved. No access is allowed.
Table 3.7
SFR Information (7) (1)
Address
Symbol
Register Name
After Reset
Remarks
0017Ah
TREIFR
Timer RE2 Interrupt Flag Register
00h
0017Bh
TREIER
Timer RE2 Interrupt Enable Register
00h
0017Ch
TREAMN
Timer RE2 Alarm Minute Register
00h
0017Dh
TREAHR
Timer RE2 Alarm Hour Register
00h
0017Eh
TREAWK
Timer RE2 Alarm Day-of-the-Week Register
00h
0017Fh
TREPRC
Timer RE2 Protect Register
00h
00180h
to
001FFh
00200h
AD0
A/D Register 0
00h
00201h
00h
00202h
AD1
A/D Register 1
00h
00203h
00h
00204h
AD2
A/D Register 2
00h
00205h
00h
00206h
AD3
A/D Register 3
00h
00207h
00h
00208h
AD4
A/D Register 4
00h
00209h
00h
0020Ah
AD5
A/D Register 5
00h
0020Bh
00h
0020Ch
AD6
A/D Register 6
00h
0020Dh
00h
0020Eh
AD7
A/D Register 7
00h
0020Fh
00h
00210h
00211h
00212h
00213h
00214h
ADMOD
A/D Mode Register
00h
00215h
ADINSEL
A/D Input Select Register
11000000b
00216h
ADCON0
A/D Control Register 0
00h
00217h
ADCON1
A/D Control Register 1
00h
00218h
00219h
0021Ah
0021Bh
0021Ch
0021Dh
0021Eh
0021Fh
00220h
00221h
00222h
00223h
00224h
00225h
00226h
00227h
00228h
INTCMP
Comparator B Control Register 0
00h
00229h
0022Ah
0022Bh
0022Ch
0022Dh
0022Eh
0022Fh
00230h
INTEN
External Input Enable Register 0
00h
00231h
INTEN1
External Input Enable Register 1
00h
00232h
INTF
INT Input Filter Select Register 0
00h
00233h
INTF1
INT Input Filter Select Register 1
00h
00234h
INTPOL
INT Input Polarity Switch Register
00h
00235h
00236h
KIEN
Key Input Interrupt Enable Register
00h
00237h
00238h
MSTCR0
Module Standby Control Register 0
00h
00239h
MSTCR1
Module Standby Control Register 1
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com