Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2138CSNFP Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # R5F2138CSNFP
Description  RENESAS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2138CSNFP Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button R5F2138CSNFP Datasheet HTML 49Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 50Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 51Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 52Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 53Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 54Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 55Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 56Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
R8C/38T-A Group
4. Electrical Characteristics
R01DS0081EJ0100 Rev.1.00
Page 53 of 60
Dec 09, 2011
Note:
1. 1tCYC = 1/f1 (s)
Table 4.21
Timing Requirements of Clock Synchronous Serial I/O with Chip Select
(during Slave Operation)
(Measurement conditions: Vcc = 1.8 V to 5.5 V, Topr =
20°C to 85°C (N version)/
40°C to 85°C (D version))
Symbol
Parameter
Conditions
Standard
Unit
Min.
Typ.
Max.
tSUCYC
SSCK clock cycle time
4.00
――
tCYC (1)
tHI
SSCK clock high width
0.40
―
0.60
tSUCYC
tLO
SSCK clock low width
0.40
―
0.60
tSUCYC
tRISE
SSCK clock rising time
――
1.00
μs
tFALL
SSCK clock falling time
――
1.00
μs
tSU
SSO data input setup time
10.00
――
ns
tH
SSO data input hold time
2.00
――
tCYC (1)
tLEAD
SCS setup time
1tCYC + 50
――
ns
tLAG
SCS hold time
1tCYC + 50
――
ns
tOD
SSI, SSO data output delay time
4.5 V
 Vcc  5.5 V
――
60
ns
2.7 V
 Vcc  4.5 V
――
70
ns
1.8 V
 Vcc  2.7 V
――
100.00
ns
tSA
SSI slave access time
2.7 V
 Vcc  5.5 V
――
1.5tCYC + 100
ns
1.8 V
 Vcc  2.7 V
――
1.5tCYC + 200
ns
tOR
SSI slave out open time
2.7 V
 Vcc  5.5 V
――
1.5tCYC + 100
ns
1.8 V
 Vcc  2.7 V
――
1.5tCYC + 200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com