Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2138CSNFP Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # R5F2138CSNFP
Description  RENESAS MCU
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2138CSNFP Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button R5F2138CSNFP Datasheet HTML 20Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 21Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 22Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 23Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 24Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 25Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 26Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 27Page - Renesas Technology Corp R5F2138CSNFP Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 63 page
background image
R8C/38T-A Group
3. Address Space
R01DS0081EJ0100 Rev.1.00
Page 24 of 60
Dec 09, 2011
Note:
1. The blank areas are reserved. No access is allowed.
Table 3.6
SFR Information (6) (1)
Address
Symbol
Register Name
After Reset
Remarks
0013Ah
TRCGRA_0
Timer RC_0 General Register A
FFFFh
0013Bh
0013Ch
TRCGRB_0
Timer RC_0 General Register B
FFFFh
0013Dh
0013Eh
TRCGRC_0
Timer RC_0 General Register C
FFFFh
0013Fh
00140h
TRCGRD_0
Timer RC_0 General Register D
FFFFh
00141h
00142h
TRCMR_0
Timer RC_0 Mode Register
01001000b
00143h
TRCCR1_0
Timer RC_0 Control Register 1
00h
00144h
TRCIER_0
Timer RC_0 Interrupt Enable Register
01110000b
00145h
TRCSR_0
Timer RC_0 Status Register
01110000b
00146h
TRCIOR0_0
Timer RC_0 I/O Control Register 0
10001000b
00147h
TRCIOR1_0
Timer RC_0 I/O Control Register 1
10001000b
00148h
TRCCR2_0
Timer RC_0 Control Register 2
00011000b
00149h
TRCDF_0
Timer RC_0 Digital Filter Function Select Register
00h
0014Ah
TRCOER_0
Timer RC_0 Output Enable Register
01111111b
0014Bh
TRCADCR_0
Timer RC_0 A/D Conversion Trigger Control Register
11110000b
0014Ch
TRCOPR_0
Timer RC_0 Output Waveform Manipulation Register
00h
0014Dh
TRCELCCR_0
Timer RC_0 ELC Cooperation Control Register
00h
0014Eh
0014Fh
00150h
00151h
00152h
00153h
00154h
00155h
00156h
00157h
00158h
00159h
0015Ah
0015Bh
0015Ch
0015Dh
0015Eh
0015Fh
00160h
00161h
00162h
00163h
00164h
00165h
00166h
00167h
00168h
00169h
0016Ah
0016Bh
0016Ch
0016Dh
0016Eh
0016Fh
00170h
TRESEC
Timer RE2 Counter Data Register
Timer RE2 Second Data Register
00h
00171h
TREMIN
Timer RE2 Compare Data Register
Timer RE2 Minute Data Register
00h
00172h
TREHR
Timer RE2 Hour Data Register
00h
00173h
TREWK
Timer RE2 Day-of-the-Week Data Register
00h
00174h
TREDY
Timer RE2 Day Data Register
00000001b
00175h
TREMON
Timer RE2 Month Data Register
00000001b
00176h
TREYR
Timer RE2 Year Data Register
00h
00177h
TRECR
Timer RE2 Control Register
00000100b
00178h
TRECSR
Timer RE2 Count Source Select Register
00001000b
00179h
TREADJ
Timer RE2 Clock Error Correction Register
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com