Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK3405 Datasheet(PDF) 6 Page - Cadeka Microcircuits LLC.

Part # CDK3405
Description  8-bit, 180MSPS, Triple Video DACs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK3405 Datasheet(HTML) 6 Page - Cadeka Microcircuits LLC.

Back Button CDK3405 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 10Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
©2009-2010 CADEKA Microcircuits LLC
www.cadeka.com
6
Data Sheet
RGB7-0 (MSB…LSB)
BLUE AND RED
GREEN
SYNC
BLANK
VOUT (V)
SYNC
BLANK
VOUT (V)
1111 1111
1
1
0.700
1
1
1.007
1111 1111
0
1
0.700
0
1
0.700
1111 1110
1
1
0.697
1
1
1.004
1111 1101
1
1
0.695
1
1
1.001
•
•
•
•
•
•
•
•
•
•
•
•
•
•
1000 0000
1
1
0.351
1
1
0.658
0111 1111
1
1
0.349
1
1
0.656
0111 1111
0
1
0.349
0
1
0.349
•
•
•
•
•
•
•
•
•
•
•
•
•
•
0000 0010
1
1
0.005
1
1
0.312
0000 0001
1
1
0.003
1
1
0.310
0000 0000
1
1
0.000
1
1
0.307
0000 0000
0
1
0.000
0
1
0.000
XXXX XXXX
1
0
0.000
1
0
0.307
XXXX XXXX
0
0
0.000
0
0
0.000
Table 1. Output Voltage vs. Input Code, SYNC and BLANK, VREF = 1.25V, RREF = 348Ω, RL = 37.5Ω
CLK
Pixel Data
and Controls
OUTPUT
Data N+2
Data N+1
Data N
tPWL
ts
tH
50%
3%/FS
90%
10%
tF
tR
tPWH
1/fs
tD
tSET
Figure 1. CDK3405 Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com