Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK3405 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # CDK3405
Description  8-bit, 180MSPS, Triple Video DACs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK3405 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  CDK3405 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Data Sheet
©2009-2010 CADEKA Microcircuits LLC
www.cadeka.com
CDK3405
8-bit, 180MSPS, Triple Video DACs
F E A T U R E S
n
8-bit resolution, 180MSPS
n
±2.5% gain matching
n
±0.5% linearity error
n
Sync and blank controls
n
1.0Vpp video into 37.5Ω or 75Ω load
n
Internal bandgap voltage reference
n
Low glitch energy
n
Single +3.3V power supply
A P P L I C A T I O N S
n
Video signal conversion
– RGB
– YCBCR
– Composite, Y, C
n
Multimedia systems
n
Image processing
n
PC Graphics
General Description
CDK3405 is a low-cost triple D/A converter that is tailored to fit graphics and
video applications where speed is critical.
CMOS-level inputs are converted to analog current outputs that can drive
25-37.5Ω loads corresponding to doubly-terminated 50-75Ω loads. A sync
current following SYNC input timing is added to the IOG output. BLANK
will override RGB inputs, setting IOG, IOB and IOR currents to zero when
BLANK = L. Although appropriate for many applications, the internal 1.25V
reference voltage can be overridden by the VREF input.
Few external components are required, just the current reference resistor,
current output load resistors, bypass capacitors, and decoupling capacitors.
Package is a 48-lead TQFP. Fabrication technology is CMOS. Performance is
guaranteed from -40°C to +125°C.
Block Diagram
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant Operating Temp Range Packaging Method Package Quantity
CDK3405ATQ48
TQFP-48
Yes
Yes
-40°C to +125°C
Tray
250
CDK3405ATQ48Y
TQFP-48
Yes
Yes
-40°C to +125°C
Tray
1,250
Moisture sensitivity level for all parts is MSL-3.
8-bit D/A
Converter
8
SYNC
CLOCK
G7-0
COMP
+1.25V
Ref
IOG
BLANK
8-bit D/A
Converter
8
B7-0
IOB
8-bit D/A
Converter
8
R7-0
IOR
REF
REF
SYNC
R
V


Similar Part No. - CDK3405

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
CDK3405 EXAR-CDK3405 Datasheet
934Kb / 11P
8-bit, 180MSPS, Triple Video DAC
CDK3405ATQ48 EXAR-CDK3405ATQ48 Datasheet
934Kb / 11P
8-bit, 180MSPS, Triple Video DAC
CDK3405CTQ48 EXAR-CDK3405CTQ48 Datasheet
934Kb / 11P
8-bit, 180MSPS, Triple Video DAC
More results

Similar Description - CDK3405

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7121 AD-ADV7121 Datasheet
196Kb / 12P
CMOS 80 MHz, Triple 10-Bit Video DACs
REV.B
logo
Motorola, Inc
MC44250 MOTOROLA-MC44250 Datasheet
1Mb / 17P
Triple 8-Bit Video ADC
logo
Cadeka Microcircuits LL...
CDK3400 CADEKA-CDK3400 Datasheet
994Kb / 11P
10-bit, 100/150MSPS, Triple Video DACs
CDK3402 CADEKA-CDK3402 Datasheet
996Kb / 11P
8-bit, 100/150MSPS, Triple Video DACs
CDK3404 CADEKA-CDK3404 Datasheet
1Mb / 11P
8-bit, 180MSPS, Triple Video DACs
logo
Analog Devices
ADV7120KSTZ50 AD-ADV7120KSTZ50 Datasheet
191Kb / 12P
CMOS 80 MHz, Triple 8-Bit Video DAC
REV. B
ADV7122 AD-ADV7122_15 Datasheet
200Kb / 12P
CMOS 80 MHz, Triple 10-Bit Video DACs
REV. B
logo
Exar Corporation
CDK3400 EXAR-CDK3400 Datasheet
648Kb / 11P
10-bit, 100/150MSPS, Triple Video DACs
CDK3404 EXAR-CDK3404 Datasheet
927Kb / 11P
8-bit, 180MSPS, Triple Video DAC
CDK3405 EXAR-CDK3405 Datasheet
934Kb / 11P
8-bit, 180MSPS, Triple Video DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com