Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK3405 Datasheet(PDF) 2 Page - Cadeka Microcircuits LLC.

Part # CDK3405
Description  8-bit, 180MSPS, Triple Video DACs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK3405 Datasheet(HTML) 2 Page - Cadeka Microcircuits LLC.

  CDK3405 Datasheet HTML 1Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 2Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
©2009-2010 CADEKA Microcircuits LLC
www.cadeka.com
2
Data Sheet
Pin Configuration
TQFP-48
GND
GND
G0
G1
G2
G3
G4
G5
G6
G7
SYNC
VREF
COMP
IOR
IOG
NC
NC
VAA
VAA
IOB
NC
GND
1
2
3
4
5
6
7
8
9
10
BLANK
11
12
36
35
34
33
32
31
30
29
28
27
GND
26
25
TQFP
CDK3405
Pin Assignments
Pin No.
Pin Name
Description
Clock and Pixel I/O
24
CLK
Clock Input
41-48
R7-0
Red Pixel Data Inputs
3-10
G7-0
Green Pixel Data Inputs
16-23
B7-0
Blue Pixel Data Inputs
Controls
12
SYNC
Sync Pulse Input
11
BLANK
Blanking Input
Video Outputs
34
IOR
Red Current Output
32
IOG
Green Current Output
28
IOB
Blue Current Output
Voltage Reference
36
VREF
Input for DACs or Voltage Reference Output (1.25V)
37
RSET
Current-Setting Resistor
35
COMP
Compensation Capacitor
Power and Ground
13, 29, 30
VAA
Analog Power Supply
1, 2, 14,
15, 25, 26,
39, 40
GND
Ground
27, 31, 33
NC
No Connect



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com