Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK3405 Datasheet(PDF) 10 Page - Cadeka Microcircuits LLC.

Part # CDK3405
Description  8-bit, 180MSPS, Triple Video DACs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK3405 Datasheet(HTML) 10 Page - Cadeka Microcircuits LLC.

Back Button CDK3405 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
©2009-2010 CADEKA Microcircuits LLC
www.cadeka.com
10
Data Sheet
Figure 5. Unmatched tR
Figure 6. Matched tR
Figure 7. Unmatched tF
Figure 8. Matched tF
-5
0
5
10
15
20
0.8
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Time (ns)
-5
0
5
10
15
20
0.8
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Time (ns)
-5
0
5
10
15
20
0.8
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Time (ns)
-5
0
5
10
15
20
0.8
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Time (ns)
Figure 9. Typical Interface Circuit Diagram
Evaluation boards are available (CEB3405), contact CADEKA for more information.
Related Products
n
CDK3400/3401 Triple 10-bit 180MSPS DACs
n
CDK3404 Triple 8-bit 180MSPS DAC
R7-0
G7-0
B7-0
CDK3405
Triple 8-bit D/A Converter
CLK
SYNC
BLANK
RED PIXEL
INPUT
GREEN PIXEL
INPUT
BLUE PIXEL
INPUT
CLOCK
SYNC
BLANK
COMP
VREF
RREF
VDDA
0.1µF
0.1µF
348Ω
3.3kΩ
(not required without external reference)
LM185-1.2
(Optional)
IOR
IOG
IOB
75Ω
75Ω
75Ω
75Ω
75Ω
75Ω
Zo = 75Ω
Red
Green w/Sync
Blue
Zo = 75Ω
Zo = 75Ω
+3.3V
0.01µF
0.1µF
0.1µF
10µF
VDDD
GND
VDDA
VAA
VAA
(29, 30)
(13)
VAA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com