Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDK3405 Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # CDK3405
Description  8-bit, 180MSPS, Triple Video DACs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

CDK3405 Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button CDK3405 Datasheet HTML 3Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 4Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 5Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 6Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 7Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 8Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 9Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 10Page - Cadeka Microcircuits LLC. CDK3405 Datasheet HTML 11Page - Cadeka Microcircuits LLC.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
©2009-2010 CADEKA Microcircuits LLC
www.cadeka.com
9
Data Sheet
Applications Dicussion
Figure 9 (on the following page) illustrates a typical CDK3405
interface circuit. In this example, an optional 1.2V band-
gap reference is connected to the VREF output, overriding
the internal voltage reference source.
Grounding
It is important that the CDK3405 power supply is well-
regulated and free of high-frequency noise. Careful power
supply decoupling will ensure the highest quality video
signals at the output of the circuit. The CDK3405 has
separate analog and digital circuits. To keep digital system
noise from the D/A converter, it is recommended that power
supply voltages come from the system analog power
source and all ground connections (GND) be made to the
analog ground plane. Power supply pins should be indi-
vidually decoupled at the pin.
Printed Circuit Board Layout
Designing with high-performance mixed-signal circuits
demands printed circuits with ground planes. Overall
system performance is strongly influenced by the board
layout. Capacitive coupling from digital to analog circuits
may result in poor D/A conversion. Consider the following
suggestions when doing the layout:
1. Keep the critical analog traces (VREF, IREF, COMP, IOS,
IOR, IOG) as short as possible and as far as possible
from all digital signals. The CDK3405 should be
located near the board edge, close to the analog out-put
connectors.
2. The power plane for the CDK3405 should be separate
from that which supplies the digital circuitry. A single
power plane should be used for all of the VAA pins. If
the power supply for the CDK3405 is the same
as that of the system’s digital circuitry, power to the
CDK3405 should be decoupled with 0.1µF and
0.01µF capacitors and isolated with a ferrite bead.
3. The ground plane should be solid, not cross-hatched.
Connections to the ground plane should have very short
leads.
4. If the digital power supply has a dedicated power plane
layer, it should not be placed under the CDK3405,
the voltage reference, or the analog outputs. Capacitive
coupling of digital power supply noise from this layer
to the CDK3405 and its related analog circuitry can
have an adverse effect on performance.
5. CLK should be handled carefully. Jitter and noise on this
clock will degrade performance. Terminate the clock line
carefully to eliminate overshoot and ringing.
Improved Transisiton Times
Output shunt capacitance dominates slowing of output
transition times, whereas series inductance causes a small
amount of ringing that affects overshoot and settling time.
With a doubly terminated 75Ω load, transition times can
be improved by matching the capacitive impedance output
of the CDK3405. Output capacitance can be matched with
a 220nH inductor in series with the 75Ω source termination.
Figure 4. Schematic, Transition Time Sharpening Circuit
A 220nH inductor trims the performance of a 4ft cable,
quite well. In Figures 5 through 8, the glitch at 12.5ns, is
due to a reflection from the source. Not shown, are smaller
glitches at 25 and 37.5ns, corresponding to secondary and
tertiary reflections. Inductor values should be selected to
match the length and type of the cable.
U1
CDK3405
32
R1
75Ω
W1
COAX
W2
COAX
W3
COAX
L1
220nH
L2
220nH
L3
220nH
R2
75Ω
R3
75Ω
R4
75Ω
R5
75Ω
R6
75Ω
29
33
IOG
IOB
IOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com