Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL5001L-S08-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # TL5001L-S08-R
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL5001L-S08-R Datasheet(HTML) 7 Page - Unisonic Technologies

Back Button TL5001L-S08-R Datasheet HTML 3Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 4Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 5Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 6Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 7Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 8Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 9Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 10Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 11Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TL5001
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
7 of 13
www.unisonic.com.tw
QW-R103-016,D
DETAILED DESCRIPTION(Cont.)
DEAD TIME CONTORL (DTC)
DTC provides a means of limiting the output-switch duty cycle to a value less than 100%, which is critical for boost
and flyback converters. A current source generates a reference current (IDT) at DTC that is nominally equal to the
current at the oscillator timing terminal, RT. Connecting a resistor between DTC and GND generates a dead-time
reference voltage (VDT), which the PWM/DTC comparator compares to the oscillator triangle wave as described in
the previous section. Nominally, the maximum duty cycle is 0% when VDT is 0.7V or less and 100% when VDT is
1.3V or greater. Because the triangle wave amplitude is a function of frequency and the source impedance of RT is
relatively high(1250Ω),choosing RDT for a specific maximum duty cycle, D, is accomplished using the following
equation and the voltage limits for the frequency in question as found in Fig. 11(VOSC(MAX) and VOSC(MIN) are the
maximum and minimum oscillator levels):
RDT=(RT +1250)[D(VOSC(MAX)-VOSC(MIN))+VOSC(MIN)]
Where
RDT and RT are in ohms, D in decimal
Soft start can be implemented by paralleling the DTC resistor with a capacitor (CDT) as shown in Fig. 2. During soft
start, the voltage at DTC is derived by the following equation:
VDT≈IDTRDT(1-e
(-t/RDTCDT))
UTC
TL5001
RDT
CDT
DTC
6
Fig. 2 Soft- Start Circuit
If the dc-to-dc converter must be in regulation within a specified period of time, the time constant, RDTCDT,
should be t0/3 to t0/5.The UTC TL5001 remains off unit VDT≈0.7V, the minimum ramp value. CDT is discharged
every time UVLO or SCP becomes active.
UNDERVOLTAGE-LOCKOUT (UVLO) PROTECTION
The undervoltage-lockout circuit turns the output transistor off and resets the SCP latch whenever the supply
voltage drops too low (approximately 3V at 25℃) for proper operation. A hysteresis voltage of 200mV eliminates
false triggering on noise and chattering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com