Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL5001L-S08-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # TL5001L-S08-R
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL5001L-S08-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button TL5001L-S08-R Datasheet HTML 5Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 6Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 7Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 8Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 9Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 10Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 11Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 12Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TL5001
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 13
www.unisonic.com.tw
QW-R103-016,D
TYPICAL CHARACTERISTICS
-25
25
75
-50
0
92
50
Ambient Temperature, TA(°C)
100
94
96
90
88
02
4
6
8
1
0.8
3
1
5
Reference Output Voltage
vs Power -Supply Voltage
Power-Supply Voltage, VCC (V)
10
1.2
7
1.4
9
2
0.4
0
0.2
0.6
1.8
1.6
10k
1M
Timing Resistance, RT ( )
Oscillator Frequency vs Timing Resistance
100k
1M
10k
100k
VCC=6V
DT Resistance=RT
TA=25°C
98
100
Oscillator Frequency vs Ambient Temperature
VCC=6V
DT Resistance=100k
RT=100k
TA=25°C
FB and COMP
Connected Together
-25
25
75
-50
0
-0.4
50
Ambient Temperature, TA (°C)
100
-0.2
0
-0.6
-0.8
0.2
0.4
Reference Output Voltage Fluctuation
vs Ambient Temperature
VCC=6V
FB and COMP
Connected Together
0.6
10
20
30
0
1
40
1.5
2
0.5
0
RT=100k
TA=25°C
Average Supply Current vs Power -Supply Voltage
Power-Supply Voltage, VCC (V)
-25
25
75
-50
0
0.9
50
Ambient Temperature, TA (°C)
100
1
1.1
0.8
0
1.2
1.3
Average Supply Current vs Ambient Temperature
VCC=6V
DT Resistance=100k
RT=100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com