Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL5001L-S08-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # TL5001L-S08-R
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL5001L-S08-R Datasheet(HTML) 8 Page - Unisonic Technologies

Back Button TL5001L-S08-R Datasheet HTML 4Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 5Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 6Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 7Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 8Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 9Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 10Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 11Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 12Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TL5001
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
8 of 13
www.unisonic.com.tw
QW-R103-016,D
DETAILED DESCRIPTION(Cont.)
SHORT-CIRCUIT PROTECTION (SCP)
The UTC TL5001 includes short-circuit protection (see Fig. 3), which turns the power switch off to prevent damage
when the converter output is shorted. When activated, The SCP prevents the switch from being turned on until the
internal latching circuit is reset. The circuit is reset by reducing the input voltage until UVLO becomes active or until
the SCP terminal is pulled to ground externally.
When a short circuit occurs, the error-amplifier output at COMP rises to increase the power-switch duty cycle in an
attempt to maintain the output voltage. SCP comparator 1 starts an RC timing circuit when COMP exceeds 1.5V.If
the short is removed and the error-amplifier output drops below 1.5V before time out, normal converter operation
continues. If the fault is still present at the end of the time-out period, the time sets the latching circuit and turns off
the UTC TL5001 output transistor.
2.5V
RSCP 185kΩ
12kΩ
CSCP
SCP
From Error
Amp
1.5V
scp
Comparator 1
Q2
Q1
VREF=1V
scp
Comparator 2
To Output
Drive Logic
Fig. 3 SCP Circuit
5
The timer operates by charging an external capacitor (CSCP),connected between the SCP terminal and ground,
towards 2.5V through a 185k
Ω resistor (RSCP).The circuit begins charging from an initial voltage of approximately
185mV and times out when capacitor voltage reaches 1V.The output of SCP comparator 2 then goes high, turns on
Q2,and latches the timer circuit. The expression for setting the SCP time period is derived from the following
equation:
VSCP =(2.5-0.185)(1-e
-t/
τ)+0.185
Where
ι=RSCPCSCP
The end of the time-out period, tSCP, occurs when VSCP=1V. Solving for CSCP yields:
CSCP=12.46*tSCP
Where
t is in seconds, C in µF
tSCP must be much longer (generally 10 to 15 times) than the converter start-up period or the converter will not
start.
OUTPUT TRANSISTOR
The output of the UTC TL5001 is an open-collector transistor with a maximum collector current rating of 21mA and
a voltage rating of 51V.The output is turned on under the following conditions: the oscillator triangle wave is lower
than both the DTC voltage and the error-amplifier output voltage, the UVLO circuit is inactive, and the short-circuit
protection circuit is inactive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com