Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL5001L-S08-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # TL5001L-S08-R
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL5001L-S08-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button TL5001L-S08-R Datasheet HTML 5Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 6Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 7Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 8Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 9Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 10Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 11Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 12Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
TL5001
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 13
www.unisonic.com.tw
QW-R103-016,D
APPLICATION INFORMATION
NOTES: A. Frequency = 200KHz
B. Duty cycle = 90% max
C. Soft-start time constant (TC) = 5.6ms
D. SCP TC = 70msA
Fig. 5 Step-Down Converter
VCC
VOUT
SCP
COMP
DTC
RT
GND
FB
UTC
TL5001
2
1
3
4
8
7
6
5
+
C1
100μF
10V
GND
VIN
5V
R1
470Ω
C3
0.1μF
C4
1μF
C4
0.1μF
+
R2
56kΩ
R3
43kΩ
C6
0.012μF
R4
5.1kΩ
+
L1
20μH
Q1
TPS1101
CR1
MBRS140T3
C2
100μF
10V
R5
7.50kΩ
1%
R6
3.24kΩ
1%
C7
0.0047μF
R7
2.0kΩ
GND
3.3V
Partial Bill of Materials:
Q1
TPS1101
Texas Instruments
L1
CTX20-1 or
Coiltronics
23 turns of #28 wire on
Micrometals No. T50-26B core
C1
TPSD 107M010R0100
AVX
C2
TPSD 107M010R0100
AVX
CR1
MBRS 140T3
Motorola



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com