Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL5001L-S08-R Datasheet(PDF) 12 Page - Unisonic Technologies

Part # TL5001L-S08-R
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL5001L-S08-R Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button TL5001L-S08-R Datasheet HTML 5Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 6Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 7Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 8Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 9Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 10Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 11Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 12Page - Unisonic Technologies TL5001L-S08-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
TL5001
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
12 of 13
www.unisonic.com.tw
QW-R103-016,D
TYPICAL CHARACTERISTICS(Cont.)
00.2
1
0.4
Output(Sink)Current, IOUT (mA)
0.6
1.5
2
0.5
0
0
0.6
Oscillator Frequency, fOSC (Hz)
PWM Triangle Wave Amplitude Voltage
vs Oscillator Frequency
100k
1M
10k
0.3
2.5
3
Error Amplifier Output Voltage
vs Output(Sink)Current
-25
25
75
-50
0
2.42
50
Ambient Temperature, TA(°C)
100
2.43
2.44
2.41
2.40
2.45
2.46
Error Amplifier Output Voltage
vs Ambient Temperature
-25
25
75
-50
0
160
50
Ambient Temperature, TA(°C)
100
180
200
140
120
220
240
10M
0.9
1.2
1.5
1.8
VOSC(MAX)(100% duty cycle)
VOSC(MIN)(zero duty cycle)
VCC=6V
TA=25°C
VCC=6V
TA=25°C
VI(FB)=1.2V
0
40
1
80
Output(Source)Current, IOUT(uA)
120
1.5
2
0.5
0
2.5
3
Error Amplifier Output Voltage
vs Output(Source)Current
20
60
100
VCC=6V
TA=25°C
VI(FB)=0.8V
VCC=6V
VI(FB)=0.8V
No Load
VCC=6V
VI(FB)=1.2V
No Load
Error Amplifier Output Voltage
vs Ambient Temperature
-20
0
Frequency, f(Hz)
Error Amplifier Open-Loop Gain and Phase Shift
vs Frequency
100k
1M
10k
-10
10M
10
20
30
40
VCC=6V
TA=25°C
GV
-180°
-210°
-240°
-270°
-300°
-330°
-360°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com