Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCS180P Datasheet(PDF) 1 Page - WILLAS ELECTRONIC CORP

Part # SCS180P
Description  VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

SCS180P Datasheet(HTML) 1 Page - WILLAS ELECTRONIC CORP

  SCS180P Datasheet HTML 1Page - WILLAS ELECTRONIC CORP SCS180P Datasheet HTML 2Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCS120P THRU
VOLTAGE 20V ~ 100V
1.0AMP Schottky Barrier Rectifiers
SCS1100P
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating 25 C ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
FEATURES
MECHANICAL DATA
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
Lead: Axial leads, solderable per MIL-STD-202,
method 208 guaranteed
Polarity: Color band denotes cathode end
Mounting position: Any
High Current Capability
Extremely Low Thermal Resistance
For Surface Mount Application
Low Forward Voltage
.
...
.
PACKAGE DIMENSIONS
SOD–123
PLASTIC PACKAGE
A
B
E
C
J
D
H
G
DIM
MIN
MAX
MIN
MAX
MILLMETERS
A
3.55
3.85
0.140
0.152
B
C
D
E
G
H
J
INCHES
------
1.35
------
0.053
1.40
1.80
0.550
0.071
2.55
2.85
0.100
0.112
0.30
0.78
0.120
0.031
0.15
------
0.006
-------
-----
0.25
-------
0.001
-----
0.15
-------
0.006
1. Measured at 1MHz and applied reverse voltage of 5.0V D.C.
2. Thermal Resistance Junction to Case.
UNITS
TYPE NUMBER
Maximum Recurrent Peak Reverse Voltage
SCS120P
SCS1100P
SCS180P
SCS160P
SCS140P
SCS130P
20
100
100
80
80
60
60
40
40
30
30
V
Working Peak Reverse Voltage
Maximum DC Blocking Voltag
100
80
60
40
30
V
Average Forward Current (I
@ T =90 C)
Reak Forward Current (I
@ 8.3ms half sine)
Maximum Instantaneous Forward Voltage
(V @I
= 1.0A , T = 25 C)
Maximum DC Reverse Current
At Rated DC Blocking Voltage
(I @ T = 25 C)
Typical Junction Capacitance (C )
1.0
20
0.83
0.66
0.52
0.1
30
A
A
V
mA
pF
F(AV)
FSM
J
F
FM
A
J
R
J
Operating Temperature Range TJ
Storage Temperature Range TSTG
-5
0 +150
-65
+175
C
C
20
20
0.45
Higher Temp Soldering : 250 C for 10 Seconds At Terminals
Marking Code
SCS120P
BR or X2
SCS130P
BU or X3
SCS140P
BM or X4
SCS160P
XG
SCS180P
XK
SCS1100P
XH
RoHS product for packing code suffix "G"
Halogen free product for packing code suffix "H"
Weight:0.0102g
(I @ T = 125 C)
J
R
5.0
WILLAS
●


Similar Part No. - SCS180P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS181K SECOS-SCS181K Datasheet
123Kb / 2P
Plastic-Encapsulated Switching Diode
SCS181K SECOS-SCS181K_15 Datasheet
123Kb / 2P
Plastic-Encapsulated Switching Diode
SCS184K SECOS-SCS184K Datasheet
159Kb / 2P
Plastic-Encapsulated Switching Diode
SCS184K SECOS-SCS184K_15 Datasheet
159Kb / 2P
Plastic-Encapsulated Switching Diode
SCS187K SECOS-SCS187K Datasheet
123Kb / 2P
Plastic-Encapsulated Switching Diode
More results

Similar Description - SCS180P

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
1N5817 SECOS-1N5817 Datasheet
190Kb / 2P
VOLTAGE 20V ~ 40V 1.0AMP Schottky Barrier Rectifiers
1S20 SECOS-1S20 Datasheet
279Kb / 2P
VOLTAGE 20V ~ 60V 1.0AMP Schottky Barrier Rectifiers
SCK120LP SECOS-SCK120LP Datasheet
241Kb / 2P
VOLTAGE 20V ~ 40V 1.0AMP Low Vf Schottky Barrier Rectifiers
SCS120V SECOS-SCS120V Datasheet
210Kb / 2P
1.0Amp 20V Schottky Barrier Rectifiers
SR120 SECOS-SR120 Datasheet
189Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
SR1620 SECOS-SR1620 Datasheet
248Kb / 2P
VOLTAGE 20V ~ 100V 16.0AMP Schottky Barrier Rectifiers
logo
First Silicon Co., Ltd
SB120 FS-SB120 Datasheet
428Kb / 2P
REVERSE VOLTGE 20V~100V, FORWARD CURRENT 1.0AMP Schottky Barrier Rectifiers
SK12 FS-SK12 Datasheet
249Kb / 3P
VOLTAGE 20V ~ 60V 1.0AMP Surface Mount Schottky Barrier Rectifiers
SK17 FS-SK17 Datasheet
285Kb / 3P
VOLTAGE 70V ~ 100V 1.0AMP Surface Mount Schottky Barrier Rectifiers
SL12 FS-SL12 Datasheet
136Kb / 3P
VOLTAGE 20V ~ 40V 1.0AMP Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com