Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6657ABBCZRL Datasheet(PDF) 33 Page - Analog Devices

Part # AD6657ABBCZRL
Description  Quad IF Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6657ABBCZRL Datasheet(HTML) 33 Page - Analog Devices

Back Button AD6657ABBCZRL Datasheet HTML 28Page - Analog Devices AD6657ABBCZRL Datasheet HTML 29Page - Analog Devices AD6657ABBCZRL Datasheet HTML 30Page - Analog Devices AD6657ABBCZRL Datasheet HTML 31Page - Analog Devices AD6657ABBCZRL Datasheet HTML 32Page - Analog Devices AD6657ABBCZRL Datasheet HTML 33Page - Analog Devices AD6657ABBCZRL Datasheet HTML 34Page - Analog Devices AD6657ABBCZRL Datasheet HTML 35Page - Analog Devices AD6657ABBCZRL Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
Data Sheet
AD6657A
Rev. 0 | Page 33 of 36
Addr.
(Hex)
Register
Name
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
(LSB)
Bit 0
Default
Value
(Hex)
Comments
0x24
BIST
signature LSB
(local)
BIST Signature[7:0]
0x00
Read only.
0x25
BIST signa-
ture MSB
(local)
BIST Signature[15:8]
0x00
Read only.
Digital Feature Control Registers
0x3A
Sync control
(global)
Open
Open
Open
Open
Open
Clock divider
sync mode
0 = conti-
nuous
1 = next sync
mode, next
rising edge of
sync resets
clock divider
Clock
divider
sync
enable
0 = off
1 = on
Master
sync
enable
0 = off
1 = on
0x00
Control
register to
synchronize
the clock
divider.
0x3C
NSR control
(local)
Open
Open
Open
MODE
pin
disable
0 =
MODE
pin used
1 =
MODE
pin dis-
abled
NSR mode
000 = 22% BW mode
001 = 33% BW mode
010 = 36% BW mode
NSR
enable
0 = off
1 = on
(used only
if
Bit 4 = 1;
otherwise
ignored)
0x00
Noise
shaping
requantizer
(NSR)
controls.
0x3E
NSR tuning
word
(local)
Open
Open
NSR tuning word
See the Noise Shaping Requantizer section.
Equations for the tuning word are dependent on the NSR mode.
0x1C
NSR
frequency
tuning word.
MEMORY MAP REGISTER DESCRIPTIONS
For additional information about functions controlled
in Register 0x00 to Register 0xFF, see the AN-877 Application
Note, Interfacing to High Speed ADCs via SPI.
Sync Control (Register 0x3A)
Bits[7:3]—Reserved
Bit 2—Clock Divider Sync Mode
Bit 2 selects the mode of the clock divider sync function. When
Bit 2 is low, continuous sync mode is enabled. When Bit 2 is
high, the clock divider is reset on the next rising edge of the
sync signal. Subsequent rising edges of the sync signal are
ignored.
Bit 1—Clock Divider Sync Enable
Bit 1 gates the sync pulse to the clock divider. The sync signal is
enabled when Bit 1 is high and Bit 0 is high. This is continuous
sync mode.
Bit 0—Master Sync Enable
Bit 0 must be high to enable any of the sync functions. If
the sync capability is not used, this bit should remain low
to conserve power.
NSR Control (Register 0x3C)
Bits[7:5]—Reserved
Bit 4—MODE Pin Disable
Bit 4 specifies whether the selected channels are to be controlled
by the MODE pin. Local registers act on the channels that are
selected by the channel index register (Address 0x05).
Bits[3:1]—NSR Mode
Bits[3:1] determine the bandwidth (BW) mode of the NSR.
When Bits[3:1] are set to 000, the NSR is configured for a 22%
BW mode that provides enhanced SNR performance over 22%
of the sample rate. When Bits[3:1] are set to 001, the NSR is
configured for a 33% BW mode that provides enhanced SNR
performance over 33% of the sample rate. When Bits[3:1] are
set to 010, the NSR is configured for a 36% BW mode that pro-
vides enhanced SNR performance over 36% of the sample rate.
Bit 0—NSR Enable
The NSR is enabled when Bit 0 is high and disabled when Bit 0
is low. Bit 0 is ignored unless the MODE pin disable bit (Bit 4)
is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com