Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6657ABBCZRL Datasheet(PDF) 27 Page - Analog Devices

Part # AD6657ABBCZRL
Description  Quad IF Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6657ABBCZRL Datasheet(HTML) 27 Page - Analog Devices

Back Button AD6657ABBCZRL Datasheet HTML 23Page - Analog Devices AD6657ABBCZRL Datasheet HTML 24Page - Analog Devices AD6657ABBCZRL Datasheet HTML 25Page - Analog Devices AD6657ABBCZRL Datasheet HTML 26Page - Analog Devices AD6657ABBCZRL Datasheet HTML 27Page - Analog Devices AD6657ABBCZRL Datasheet HTML 28Page - Analog Devices AD6657ABBCZRL Datasheet HTML 29Page - Analog Devices AD6657ABBCZRL Datasheet HTML 30Page - Analog Devices AD6657ABBCZRL Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
Data Sheet
AD6657A
Rev. 0 | Page 27 of 36
36% BW MODE (>65 MHZ AT 184.32 MSPS)
The third bandwidth mode offers excellent noise performance
over 36% of the ADC sample rate (72% of the Nyquist band)
and can be centered by setting the NSR mode bits in the NSR
control register (Address 0x3C) to 010. In this mode, the useful
frequency range can be set using the 6-bit tuning word in the
NSR tuning register (Address 0x3E).
There are 28 possible tuning words (TW); each step is 0.5% of
the ADC sample rate. The following three equations describe
the left band edge (f0), the channel center (fCENTER), and the right
band edge (f1), respectively.
f0 = fADC × .005 × TW
fCENTER = f0 + 0.18 × fADC
f1 = f0 + 0.36 × fADC
Figure 57 to Figure 59 show the typical spectrum that can be
expected from the AD6657A in the 36% BW mode for three
different tuning words.
Figure 57. 36% BW Mode, Tuning Word = 0
Figure 58. 36% BW Mode, Tuning Word = 14 (fS/4 Tuning)
Figure 59. 36% BW Mode, Tuning Word = 28
MODE PIN
The MODE pin input allows convenient control of the NSR
feature. A logic low enables NSR mode and a logic high sets the
receiver to a straight 11-bit mode with NSR disabled. By default,
the MODE pin is pulled high internally to disable the NSR.
Each channel can be individually configured to ignore the
MODE pin state by writing to Bit 4 of the NSR control register
at Address 0x3C. Use of the NSR control register in conjunction
with the MODE pin allows for very flexible control of the NSR
feature on a per channel basis.
0
–20
–40
–60
–80
–100
–120
–140
0
9.25 18.50 27.75 37.00 46.25 55.50 64.75 74.00 83.25 92.50
FREQUENCY (MHz)
185MSPS
140.3MHz @ –1dBFS
NSR 36% BW MODE, TW = 0
SNR = 70.4dB (72.0dBFS)
SFDR = 91dBc
THIRD HARMONIC
0
–20
–40
–60
–80
–100
–120
–140
0
9.25 18.50 27.75 37.00 46.25 55.50 64.75 74.00 83.25 92.50
FREQUENCY (MHz)
185MSPS
140.3MHz @ –1dBFS
NSR 36% BW MODE, TW = 14
SNR = 70.4dB (72.0dBFS)
SFDR = 91dBc
THIRD HARMONIC
0
–20
–40
–60
–80
–100
–120
–140
0
9.25 18.50 27.75 37.00 46.25 55.50 64.75 74.00 83.25 92.50
FREQUENCY (MHz)
THIRD HARMONIC
185MSPS
140.3MHz @ –1dBFS
NSR 36% BW MODE, TW = 28
SNR = 70.4dB (72.0dBFS)
SFDR = 91dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com