Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6657ABBCZRL Datasheet(PDF) 35 Page - Analog Devices

Part # AD6657ABBCZRL
Description  Quad IF Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6657ABBCZRL Datasheet(HTML) 35 Page - Analog Devices

Back Button AD6657ABBCZRL Datasheet HTML 28Page - Analog Devices AD6657ABBCZRL Datasheet HTML 29Page - Analog Devices AD6657ABBCZRL Datasheet HTML 30Page - Analog Devices AD6657ABBCZRL Datasheet HTML 31Page - Analog Devices AD6657ABBCZRL Datasheet HTML 32Page - Analog Devices AD6657ABBCZRL Datasheet HTML 33Page - Analog Devices AD6657ABBCZRL Datasheet HTML 34Page - Analog Devices AD6657ABBCZRL Datasheet HTML 35Page - Analog Devices AD6657ABBCZRL Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 35 / 36 page
background image
Data Sheet
AD6657A
Rev. 0 | Page 35 of 36
APPLICATIONS INFORMATION
DESIGN GUIDELINES
Before starting the design and layout of the AD6657A in a
system, it is recommended that the designer become familiar
with these guidelines, which discuss the special circuit
connections and layout requirements needed for certain pins.
Power and Ground Recommendations
When connecting power to the AD6657A, it is recommended
that two separate 1.8 V supplies be used. Use one supply for
analog (AVDD); use a separate supply for the digital outputs
(DRVDD). The AVDD and DRVDD supplies should be isolated
with separate decoupling capacitors. Several different decoupling
capacitors can be used to cover both high and low frequencies.
Locate these capacitors close to the point of entry at the PCB
level and close to the pins of the part, with minimal trace length.
A single PCB ground plane is sufficient when using the AD6657A.
With proper decoupling and smart partitioning of the PCB
analog, digital, and clock sections, optimum performance is
easily achieved.
VCMx Pins
The VCMx pins are provided to set the common-mode level
of the analog inputs. Decouple the VCMx pins to ground with a
0.1 μF capacitor, as shown in Figure 37.
SPI Port
The SPI port should not be active during periods when the full
dynamic performance of the AD6657A is required. Because the
SCLK signal, the CSB signal, and the SDIO signal are typically
asynchronous to the ADC clock, noise from these signals can
degrade AD6657A performance. If the on-board SPI bus is used
for other devices, it may be necessary to provide buffers between
this bus and the AD6657A to prevent these signals from transi-
tioning at the receiver inputs during critical sampling periods.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com