Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6657ABBCZRL Datasheet(PDF) 14 Page - Analog Devices

Part # AD6657ABBCZRL
Description  Quad IF Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6657ABBCZRL Datasheet(HTML) 14 Page - Analog Devices

Back Button AD6657ABBCZRL Datasheet HTML 10Page - Analog Devices AD6657ABBCZRL Datasheet HTML 11Page - Analog Devices AD6657ABBCZRL Datasheet HTML 12Page - Analog Devices AD6657ABBCZRL Datasheet HTML 13Page - Analog Devices AD6657ABBCZRL Datasheet HTML 14Page - Analog Devices AD6657ABBCZRL Datasheet HTML 15Page - Analog Devices AD6657ABBCZRL Datasheet HTML 16Page - Analog Devices AD6657ABBCZRL Datasheet HTML 17Page - Analog Devices AD6657ABBCZRL Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
AD6657A
Data Sheet
Rev. 0 | Page 14 of 36
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD = 1.8 V, DRVDD = 1.8 V, sample rate = 185 MSPS, 1.75 V p-p differential input, VIN = −1.0 dBFS, 32,000 sample, TA = 25°C,
unless otherwise noted.
Figure 5. Single Tone FFT, fIN = 10.3 MHz
Figure 6. Single Tone FFT, fIN = 50.3 MHz
Figure 7. Single Tone FFT, fIN = 70.3 MHz
Figure 8. Single Tone FFT, fIN = 140.3 MHz
Figure 9. Single Tone FFT, fIN = 200.3 MHz
Figure 10. Single Tone FFT, fIN = 230.3 MHz
0
–20
–40
–60
–80
–100
–120
0
9.25 18.50 27.75 37.00 46.25 55.50 64.75 74.00 83.25 92.50
FREQUENCY (MHz)
THIRD HARMONIC
SECOND HARMONIC
185MSPS
10.3MHz @ –1dBFS
SNR = 65.6dB (66.6dBFS)
SFDR = 94.0dBc
0
–20
–40
–60
–80
–100
–120
0
9.25 18.50 27.75 37.00 46.25 55.50 64.75 74.00 83.25 92.50
FREQUENCY (MHz)
THIRD HARMONIC
SECOND HARMONIC
185MSPS
50.3MHz @ –1dBFS
SNR = 65.6dB (66.6dBFS)
SFDR = 92.0dBc
0
–20
–40
–60
–80
–100
–120
0
9.25 18.50 27.75 37.00 46.25 55.50 64.75 74.00 83.25 92.50
FREQUENCY (MHz)
THIRD HARMONIC
SECOND HARMONIC
185MSPS
70.3MHz @ –1dBFS
SNR = 65.5dB (66.5dBFS)
SFDR = 88dBc
0
–20
–40
–60
–80
–100
–120
0
9.25 18.50 27.75 37.00 46.25 55.50 64.75 74.00 83.25 92.50
FREQUENCY (MHz)
THIRD HARMONIC
SECOND HARMONIC
185MSPS
140.3MHz @ –1dBFS
SNR = 65.4dB (66.4dBFS)
SFDR = 90dBc
0
–20
–40
–60
–80
–100
–120
0
9.25 18.50 27.75 37.00 46.25 55.50 64.75 74.00 83.25 92.50
FREQUENCY (MHz)
THIRD HARMONIC
SECOND HARMONIC
185MSPS
200.3MHz @ –1dBFS
SNR = 64.9dB (65.9dBFS)
SFDR = 84dBc
0
–20
–40
–60
–80
–100
–120
0
9.25 18.50 27.75 37.00 46.25 55.50 64.75 74.00 83.25 92.50
FREQUENCY (MHz)
THIRD HARMONIC
SECOND HARMONIC
185MSPS
230.3MHz @ –1dBFS
SNR = 66.1dB (65.1dBFS)
SFDR = 84dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com