Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD6657ABBCZRL Datasheet(PDF) 25 Page - Analog Devices

Part # AD6657ABBCZRL
Description  Quad IF Receiver
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6657ABBCZRL Datasheet(HTML) 25 Page - Analog Devices

Back Button AD6657ABBCZRL Datasheet HTML 21Page - Analog Devices AD6657ABBCZRL Datasheet HTML 22Page - Analog Devices AD6657ABBCZRL Datasheet HTML 23Page - Analog Devices AD6657ABBCZRL Datasheet HTML 24Page - Analog Devices AD6657ABBCZRL Datasheet HTML 25Page - Analog Devices AD6657ABBCZRL Datasheet HTML 26Page - Analog Devices AD6657ABBCZRL Datasheet HTML 27Page - Analog Devices AD6657ABBCZRL Datasheet HTML 28Page - Analog Devices AD6657ABBCZRL Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
Data Sheet
AD6657A
Rev. 0 | Page 25 of 36
NOISE SHAPING REQUANTIZER
The AD6657A features a noise shaping requantizer (NSR) to allow
higher than an 11-bit SNR to be maintained in a subset of the
Nyquist band. The harmonic performance of the receiver is
unaffected by the NSR feature.
When enabled, the NSR contributes an additional 0.6 dB of
loss to the input signal, such that a 0 dBFS input is reduced to
−0.6 dBFS at the output pins.
The NSR feature can be independently controlled per channel
via the SPI or via the MODE pin.
Two different bandwidth modes are provided; the mode can be
selected from the SPI port. In each of the two modes, the center
frequency of the band can be tuned such that IFs can be placed
anywhere in the Nyquist band.
22% BW MODE (>40 MHZ at 184.32 MSPS)
The first bandwidth mode offers excellent noise performance
over 22% of the ADC sample rate (44% of the Nyquist band)
and can be centered by setting the NSR mode bits in the NSR
control register (Address 0x3C) to 000. In this mode, the useful
frequency range can be set using the 6-bit tuning word in the
NSR tuning word register (Address 0x3E).
There are 57 possible tuning words (TW); each step is 0.5% of
the ADC sample rate. The following three equations describe
the left band edge (f0), the channel center (fCENTER), and the right
band edge (f1), respectively.
f0 = fADC × .005 × TW
fCENTER = f0 + 0.11 × fADC
f1 = f0 + 0.22 × fADC
Figure 51 to Figure 53 show the typical spectrum that can be
expected from the AD6657A in the 22% BW mode for three
different tuning words.
Figure 51. 22% BW Mode, Tuning Word = 13
Figure 52. 22% BW Mode, Tuning Word = 28 (fS/4 Tuning)
Figure 53. 22% BW Mode, Tuning Word = 41
0
–20
–40
–60
–80
–100
–120
–140
0
9.25 18.50 27.75 37.00 46.25 55.50 64.75 74.00 83.25 92.50
FREQUENCY (MHz)
185MSPS
140.3MHz @ –1dBFS
NSR 22% BW MODE, TW = 13
SNR = 73.4dB (75.0dBFS)
SFDR = 91dBc
THIRD HARMONIC
0
–20
–40
–60
–80
–100
–120
–140
0
9.25 18.50 27.75 37.00 46.25 55.50 64.75 74.00 83.25 92.50
FREQUENCY (MHz)
185MSPS
140.3MHz @ –1dBFS
NSR 22% BW MODE, TW = 28
SNR = 73.4dB (75.0dBFS)
SFDR = 91dBc
THIRD HARMONIC
0
–20
–40
–60
–80
–100
–120
–140
0
9.25 18.50 27.75 37.00 46.25 55.50 64.75 74.00 83.25 92.50
FREQUENCY (MHz)
185MSPS
140.3MHz @ –1dBFS
NSR 22% BW MODE, TW = 41
SNR = 73.4dB (75.0dBFS)
SFDR = 91dBc
THIRD HARMONIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com