Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739ABBCZRL Datasheet(PDF) 34 Page - Analog Devices

Part # AD9739ABBCZRL
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739ABBCZRL Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9739ABBCZRL Datasheet HTML 30Page - Analog Devices AD9739ABBCZRL Datasheet HTML 31Page - Analog Devices AD9739ABBCZRL Datasheet HTML 32Page - Analog Devices AD9739ABBCZRL Datasheet HTML 33Page - Analog Devices AD9739ABBCZRL Datasheet HTML 34Page - Analog Devices AD9739ABBCZRL Datasheet HTML 35Page - Analog Devices AD9739ABBCZRL Datasheet HTML 36Page - Analog Devices AD9739ABBCZRL Datasheet HTML 37Page - Analog Devices AD9739ABBCZRL Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
AD9737A/AD9739A
Data Sheet
Rev. | Page 34 of 64
FOUR-CARRIER DOCSIS PERFORMANCE (NORMAL MODE)
IOUTFS = 20 mA, fDAC = 2.4576 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–18.594dBm
–73.170dB
–73.621dB
–71.289dB
–68.946dB
6MHz
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
Y
–18.593dBm
–73.198dB
–73.654dB
–71.306dB
–68.955dB
f
f
f
f
f
1
1
1
1
1
1
2
3
4
5
X
N
Δ1
Δ1
Δ1
Δ1
MODE
MKR
SCL
TRC
200MHz
216.60MHz
400MHz
621.30MHz
413.25MHz
–40
–50
–60
–70
–80
–90
–100
–110
–120
4
Δ1
1
3
Δ1
2
Δ1
5
Δ1
Figure 122. Low Band Wideband ACLR
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–18.760dBm
–69.536dB
–71.601dB
–72.833dB
–75.320dB
–71.997dB
6MHz
6MHz
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
Y
–18.760dBm
–69.536dB
–71.601dB
–72.824dB
–75.786dB
–71.997dB
f
f
f
f
f
f
1
1
1
1
1
1
1
2
3
4
5
6
X
N
Δ1
Δ1
Δ1
Δ1
Δ1
MODE
MKR
SCL
TRC
667.80MHz
–192.20MHz
–98.15MHz
–614.00MHz
–567.45MHz
–55.40MHz
–38
–48
–58
–68
–78
–88
–98
–108
–118
2
Δ1
4
Δ1
5
Δ1
6
Δ1
3
Δ1
1
Figure 123. Mid Band Wideband ACLR
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–21.029dBm
–60.683dB
–69.390dB
–71.847dB
–66.954dB
–68.889dB
6MHz
6MHz
6MHz
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
BAND POWER
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
Y
–20.040dBm
–60.683dB
–69.390dB
–71.954dB
–66.954dB
–68.889dB
f
f
f
f
f
f
1
1
1
1
1
1
1
2
3
4
5
6
X
N
Δ1
Δ1
Δ1
Δ1
Δ1
MODE
MKR
SCL
TRC
987.95MHz
–490.50MHz
–624.45MHz
–738.45MHz
–130.45MHz
–374.60MHz
–38
–48
–58
–68
–78
–88
–98
–108
–118
2
Δ1
3
Δ1
1
5
Δ1
6
Δ1
4
Δ1
Figure 124. High Band Wideband ACLR
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 210MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–58.78
–73.56
–75.42
–78.08
–79.06
dBm
–76.34
–91.12
–92.98
–95.64
–96.62
LOWER
dBc
–11.15
–0.454
–0.065
–0.091
–53.44
dBm
–28.70
–18.01
–17.62
–17.65
–70.99
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–17.556dBm/6MHz
ACP-IBW
–53.4dBc
–0.1dBc
–0.1dBc
–0.5dBc
–17.6dBm
–73.6dBc
–75.4dBc
–79.1dBc
–78.1dBc
–37
–47
–57
–67
–77
–87
–97
–107
–117
Figure 125. Low Band Narrow-Band ACLR (Worse Side)
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 650MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–11.18
–0.294
–0.075
–0.145
–50.21
dBm
–30.68
–19.80
–19.58
–19.65
–69.71
LOWER
dBc
–61.84
–72.95
–74.99
–76.38
–76.59
dBm
–81.35
–92.45
–94.49
–95.89
–96.10
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–19.503dBm/6MHz
ACP-IBW
–76.4dBc
–75.0dBc
–72.9dBc
–19.5dBm
–0.3dBc
–0.1dBc
–50.2dBc
–0.1dBc
–37
–47
–57
–67
–77
–87
–97
–107
–117
–76.6dBc
Figure 126. Mid Band Narrow-Band ACLR (Worse Side)
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 970MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–10.77
–0.522
–0.140
–0.511
–52.31
dBm
–31.44
–21.19
–20.81
–21.18
–72.98
LOWER
dBc
–60.65
–68.68
–70.67
–72.96
–74.22
dBm
–81.32
–89.34
–91.33
–93.63
–94.89
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–20.666dBm/6MHz
ACP-IBW
–73.0dBc
–70.7dBc
–68.7Bc
–20.7dBm
–0.5dBc
–0.1dBc
–52.3dBc
–0.5dBc
–37
–47
–57
–67
–77
–87
–97
–107
–117
–74.2dBc
Figure 127. High Band Narrow-Band ACLR
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com