Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739ABBCZRL Datasheet(PDF) 38 Page - Analog Devices

Part # AD9739ABBCZRL
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739ABBCZRL Datasheet(HTML) 38 Page - Analog Devices

Back Button AD9739ABBCZRL Datasheet HTML 34Page - Analog Devices AD9739ABBCZRL Datasheet HTML 35Page - Analog Devices AD9739ABBCZRL Datasheet HTML 36Page - Analog Devices AD9739ABBCZRL Datasheet HTML 37Page - Analog Devices AD9739ABBCZRL Datasheet HTML 38Page - Analog Devices AD9739ABBCZRL Datasheet HTML 39Page - Analog Devices AD9739ABBCZRL Datasheet HTML 40Page - Analog Devices AD9739ABBCZRL Datasheet HTML 41Page - Analog Devices AD9739ABBCZRL Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
AD9737A/AD9739A
Data Sheet
Rev. | Page 38 of 64
64- AND 128-CARRIER DOCSIS PERFORMANCE (NORMAL MODE)
IOUTFS = 20 mA, fDAC = 2.4576 GSPS, nominal supplies, TA = 25°C, unless otherwise noted.
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–33.209dBm
–58.804dB
–55.165dB
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
Y
–33.210dBm
–58.746dB
–55.165dB
f
f
f
1
1
1
1
2
3
X
N
Δ1
Δ1
MODE
MKR
SCL
TRC
478.75MHz
372.10MHz
132.70MHz
–52
–62
–72
–82
–92
–102
–112
–122
–132
1
3
Δ1
2
Δ1
Figure 146. 64-Carrier Low Band Wideband ACLR
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–35.873dBm
–58.625dB
–59.286dB
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
(Δ)
Y
–35.872dBm
–58.5816dB
–59.214dB
f
f
f
1
1
1
1
2
3
X
N
Δ1
Δ1
MODE
MKR
SCL
TRC
978.45MHz
–901.85MHz
–561.75MHz
–52
–62
–72
–82
–92
–102
–112
–122
–132
1
2
Δ1
3
Δ1
Figure 147. 64-Carrier High Band Wideband ACLR
VBW 2kHz
STOP 1GHz
SWEEP 24.1s (1001pts)
START 50MHz
#RES BW 20kHz
FUNCTION
VALUE
FUNCTION
WIDTH
FUNCTION
–35.495dBm
–55.328dB
–37.545dBm
6MHz
6MHz
6MHz
BAND POWER
BAND POWER
BAND POWER
(Δ)
(Δ)
(Δ)
Y
–35.495dBm
–55.328dB
–37.544dBm
f
f
f
1
1
1
1
2
3
X
N
Δ1
1
MODE
MKR
SCL
TRC
69.00MHz
855.95MHz
831.85MHz
–50
–60
–70
–80
–90
–100
–110
–120
–130
1
3
2
Δ1
Figure 148. 128-Carrier Wideband ACLR
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 478MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–60.80
–62.25
–61.47
–61.54
–61.40
dBm
–93.21
–94.66
–93.88
–93.95
–93.81
LOWER
dBc
–10.83
–0.267
0.139
0.201
0.308
dBm
–43.24
–32.68
–32.27
–32.21
–32.10
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–32.409dBm/6MHz
ACP-IBW
0.3dBc
0.2dBc
0.1dBc
–0.3dBc
–32.4dBm
–62.3dBc
–61.5dBc
–61.4dBc
–61.5dBc
–51
–61
–71
–81
–91
–101
–111
–121
–131
Figure 149. 64-Carrier Low Band Narrow-Band ACLR
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 600MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–11.48
–0.284
0.099
0.221
0.060
dBm
–45.04
–33.84
–33.46
–33.34
–33.50
LOWER
dBc
–60.02
–61.11
–60.57
–60.64
–60.58
dBm
–93.58
–94.66
–94.13
–94.20
–94.14
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–33.558dBm/6MHz
ACP-IBW
–60.6dBc
–60.6dBc
–60.6dBc
–61.1dBc
–33.6dBm
–0.3dBc
–0.1dBc
0.1dBc
0.2dBc
–51
–61
–71
–81
–91
–101
–111
–121
–131
Figure 150. 64-Carrier High Band Narrow-Band ACLR
SPAN 54MHz
SWEEP 1.49s
VBW 3kHz
CENTER 832MHz
#RES BW 30kHz
UPPER
FILTER
OFF
OFF
OFF
OFF
OFF
dBc
–59.34
–57.70
–56.56
–56.49
–56.35
dBm
–96.67
–95.03
–93.89
–93.82
–93.69
LOWER
dBc
–10.77
–0.277
0.318
0.328
0.337
dBm
–48.10
–37.61
–37.01
–37.00
–37.00
INTEG BW
750.0kHz
5.250MHz
6.000MHz
6.000MHz
6.000MHz
OFFSET FREQ
3.375MHz
6.375MHz
12.00MHz
18.00MHz
24.00MHz
CARRIER POWER
–37.33dBm/6MHz
ACP-IBW
0.3dBc
0.3dBc
0.3dBc
–0.3dBc
–37.3dBm
–57.7dBc
–56.6dBc
–56.4dBc
–56.5dBc
–50
–60
–70
–80
–90
–100
–110
–120
–130
Figure 151. 128-Carrier Narrow-Band ACLR
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com