Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739ABBCZRL Datasheet(PDF) 48 Page - Analog Devices

Part # AD9739ABBCZRL
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739ABBCZRL Datasheet(HTML) 48 Page - Analog Devices

Back Button AD9739ABBCZRL Datasheet HTML 44Page - Analog Devices AD9739ABBCZRL Datasheet HTML 45Page - Analog Devices AD9739ABBCZRL Datasheet HTML 46Page - Analog Devices AD9739ABBCZRL Datasheet HTML 47Page - Analog Devices AD9739ABBCZRL Datasheet HTML 48Page - Analog Devices AD9739ABBCZRL Datasheet HTML 49Page - Analog Devices AD9739ABBCZRL Datasheet HTML 50Page - Analog Devices AD9739ABBCZRL Datasheet HTML 51Page - Analog Devices AD9739ABBCZRL Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
AD9737A/AD9739A
Data Sheet
Rev. | Page 48 of 64
THEORY OF OPERATION
The AD9739A and the AD9737A are 14- and 11-bit TxDACs
with a specified update rate of 1.6 GSPS to 2.5 GSPS. Figure 157
shows a top-level functional diagram of the AD9737A/AD9739A.
A high performance TxDAC core delivers a signal dependent,
differential current (nominal ±10 mA) to a balanced load
referenced to ground. The frequency of the clock signal appearing
at the AD9737A/AD9739A differential clock receiver, DACCLK,
sets the TxDAC’s update rate. This clock signal, which serves as
the master clock, is routed directly to the TxDAC as well as to a
clock distribution block that generates all critical internal and
external clocks.
The AD9737A/AD9739A include two LVDS data ports (DB0
and DB1) to reduce the data interface rate to ½ the TxDAC
update rate. The host processor drives deinterleaved data with
offset binary format onto the DB0 and DB1 ports, along with
an embedded DCI clock that is synchronous with the data.
Because the interface is double data rate (DDR), the DCI clock
is essentially an alternating 0-1 bit pattern with a frequency that
is equal to ¼ the TxDAC update rate (fDAC). To simplify synch-
ronization with the host processor, the AD9737A/AD9739A
passes an LVDS clock output (DCO) that is also equal to the
DCI frequency.
The AD9737A/AD9739A data receiver controller generates an
internal sampling clock for the DDR receiver such that the data
instance sampling is optimized. When enabled and configured
properly for track mode, it ensures proper data recovery between
the host and the AD9737A/AD9739A clock domains. The data
receiver controller has the ability to track several hundreds of
picoseconds of drift between these clock domains, typically caused
by supply and temperature variation.
As mentioned, the host processor provides the AD9737A/
AD9739A with a deinterleaved data stream such that the DB0
and DB1 data ports receive alternating samples (that is, odd/even
data streams). The AD9737A/AD9739A data assembler is used
to reassemble (that is, multiplex) the odd/even data streams
into their original order before delivery into the TxDAC for
signal reconstruction. The pipeline delay from a sample being
latched into the data port to when it appears at the DAC output
is on the order of 78 (±) DACCLK cycles.
The AD9737A/AD9739A includes a delay lock loop (DLL)
circuit controlled via a Mu controller to optimize the timing
hand-off between the AD9737A/AD9739A digital clock domain
and TxDAC core. Besides ensuring proper data reconstruction,
the TxDAC’s ac performance is also dependent on this critical
hand-off between these clock domains with speeds of up to
2.5 GSPS. Once properly initialized and configured for track
mode, the DLL maintains optimum timing alignment over
temperature, time, and power supply variation.
A SPI interface is used to configure the various functional blocks
as well as monitor their status for debug purposes. Proper
operation of the AD9737A/AD9739A requires that controller
blocks be initialized upon power-up. A simple SPI initialization
routine is used to configure the controller blocks (see Table 28).
An IRQ output signal is available to alert the host should any of
the controllers fall out of lock during normal operation.
The following sections discuss the various functional blocks
in more detail as well as their implications when interfacing
to external ICs and circuitry. Although a detailed description of
the various controllers (and associated SPI registers used to
configure and monitor) is also included for completeness, the
recommended SPI boot procedure can be used to ensure
reliable operation.
DCI
SDO
SDIO
SCLK
CS
DACCLK
DCO
CLK DISTRIBUTION
(DIV-BY-4)
SPI
RESET
DLL
(MU CONTROLLER)
IOUTN
IOUTP
VREF
I120
IRQ
1.2V
DAC BIAS
AD9737A/AD9739A
TxDAC
CORE
Figure 157. Functional Block Diagram of the AD9737A/AD9739A
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com