Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739ABBCZRL Datasheet(PDF) 45 Page - Analog Devices

Part # AD9739ABBCZRL
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739ABBCZRL Datasheet(HTML) 45 Page - Analog Devices

Back Button AD9739ABBCZRL Datasheet HTML 41Page - Analog Devices AD9739ABBCZRL Datasheet HTML 42Page - Analog Devices AD9739ABBCZRL Datasheet HTML 43Page - Analog Devices AD9739ABBCZRL Datasheet HTML 44Page - Analog Devices AD9739ABBCZRL Datasheet HTML 45Page - Analog Devices AD9739ABBCZRL Datasheet HTML 46Page - Analog Devices AD9739ABBCZRL Datasheet HTML 47Page - Analog Devices AD9739ABBCZRL Datasheet HTML 48Page - Analog Devices AD9739ABBCZRL Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
Data Sheet
AD9737A/AD9739A
Rev. | Page 45 of 64
DATA RECEIVER CONTROLLER_DATA SAMPLE DELAY VALUE
Table 19. Data Receiver Controller_Data Sample Delay Value Register (LVDS_REC_CNT2 and LVDS_REC_CNT3)
Address
(Hex)
Bit Name
Bits
R/W
Default
Setting
Description
0x11
SMP_DEL[1:0]
[7:6]
R/W
0x11
Controller enabled: the 10-bit value (with a maximum of 384) represents
the start value for the delay line used by the state machine to sample data.
Leave at the default setting of 167, which is near the midpoint of the delay line.
Controller disabled: the value sets the actual value of the delay line.
0x12
SMP_DEL[9:2]
[7:0]
R/W
0x25
DATA RECEIVER CONTROLLER_DCI DELAY VALUE/WINDOW AND PHASE ROTATION
Table 20. Data Receiver Controller_DCI Delay Value (LVDS_REC_CNT4)/Window and Phase Rotation Register (LVDS_REC_CNT5)
Address
(Hex)
Bit Name
Bits
R/W
Default
Setting
Description
0x13
DCI_DEL[3:0]
[7:4]
R/W
0x0111
Refer to the DCI_DEL description in Register 0x14.
FINE_DEL_
SKW[3:0]
[3:0]
R/W
0x0001
A 4-bit value sets the difference (that is, window) for the DCI PRE and POST
sampling clocks. Leave at the default value of 1 for a narrow window.
0x14
DCI_DEL[9:4]
[5:0]
R/W
0x001010
Controller enabled: the 10-bit value (with a maximum of 384) represents
the start value for the delay line used by the state machine to sample the
DCI input. Leave at the default setting of 167, which is near the midpoint
of the delay line.
Controller disabled: the value sets the actual value of the delay line.
DATA RECEIVER CONTROLLER_DELAY LINE STATUS
Table 21. Data Receiver Controller_Delay Line Status Register (LVDS_REC_STAT[1:4])
Address
(Hex)
Bit Name
Bits
R/W
Default
Setting
Description
0x19
SMP_DEL[1:0]
[7:6]
R
0x00
The actual value of the DCI and data delay lines are determined by the
data receiver controller (when enabled) after the state machine completes
its search and enters track mode. Note that these values should be equal.
0x1A
SMP_DEL[9:2]
[7:0]
R
0x00
0x1B
DCI_DEL[1:0]
[7:6]
R
0x00
0x1C
DCI_DEL[9:2]
[7:0]
R
0x00
DATA RECEIVER CONTROLLER LOCK/TRACKING STATUS
Table 22. Data Receiver Controller Lock/Tracking Status Register (LVDS_REC_STAT9)
Address
(Hex)
Bit Name
Bits
R/W
Default
Setting
Description
0x21
RCVR_TRK_ON
3
R
0x0
0 = tracking not established, 1 = tracking established.
RCVR_FE_ON
2
R
0x0
0 = find edge state machine is not active, 1 = find edge state machine is
active.
RCVR_LST
1
R
0x0
0 = controller has not lost lock, 1 = controller has lost lock.
RCVR_LCK
0
R
0x0
0 = controller is not locked, 1 = controller is locked.
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com