Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9739ABBCZRL Datasheet(PDF) 44 Page - Analog Devices

Part # AD9739ABBCZRL
Description  11-/14-Bit, 2.5 GSPS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9739ABBCZRL Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9739ABBCZRL Datasheet HTML 40Page - Analog Devices AD9739ABBCZRL Datasheet HTML 41Page - Analog Devices AD9739ABBCZRL Datasheet HTML 42Page - Analog Devices AD9739ABBCZRL Datasheet HTML 43Page - Analog Devices AD9739ABBCZRL Datasheet HTML 44Page - Analog Devices AD9739ABBCZRL Datasheet HTML 45Page - Analog Devices AD9739ABBCZRL Datasheet HTML 46Page - Analog Devices AD9739ABBCZRL Datasheet HTML 47Page - Analog Devices AD9739ABBCZRL Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
AD9737A/AD9739A
Data Sheet
Rev. | Page 44 of 64
INTERRUPT REQUEST (IRQ) ENABLE/STATUS
Table 14. Interrupt Request (IRQ) Enable (IRQ_EN)/Status (IRQ_REQ) Register
Address
(Hex)
Bit Name
Bits
R/W
Default
Setting
Description
0x03
MU_LST_EN
3
W
0x0
This register enables the Mu and LVDS Rx controllers to update their
corresponding IRQ status bits in Register 0x04, which defines whether the
controller is locked (LCK) or unlocked (LST).
0 = disable (resets the status bit), 1 = enable.
MU_LCK_EN
2
W
0x0
RCV_LST_EN
1
W
0x0
RCV_LCK_EN
0
W
0x0
0x04
MU_LST_IRQ
3
R
0x0
This register indicates the status of the controllers.
For LCK_IRQ bits: 0 = lock lost, 1 = locked.
For LST_IRQ bits: 0 = lock not lost, 1 = unlocked.
Note that, if the controller IRQ is serviced, the relevant bits in Register 0x03
should be reset by writing 0, followed by another write of 1 to enable.
MU_LCK_IRQ
2
R
0x0
RCV_LST_IRQ
1
R
0x0
RCV_LCK_IRQ
0
R
0x0
TxDAC FULL-SCALE CURRENT SETTING (IOUTFS) AND SLEEP
Table 15. TxDAC Full-Scale Current Setting (IOUTFS) and Sleep Register (FSC_1 and FSC_2)
Address
(Hex)
Bit Name
Bits
R/W
Default
Setting
Description
0x06
FSC[7:0]
[7:0]
R/W
0x00
Sets the TxDAC IOUTFS current between 8 mA and 31 mA (default = 20 mA).
IOUTFS = 0.0226 × FSC[9:0] + 8.58, where FSC = 0 to 1023.
0x07
FSC[9:8]
[1:0]
R/W
0x02
Sleep
7
R/W
0 = enable DAC output, 1 = disable DAC output (sleep).
TxDAC QUAD-SWITCH MODE OF OPERATION
Table 16. TxDAC Quad-Switch Mode of Operation Register (DEC_CNT)
Address
(Hex)
Bit Name
Bits
R/W
Default
Setting
Description
0x08
DAC_DEC
[1:0]
R/W
0x00
0x00 = normal baseband mode.
0x02 = mix-mode.
DCI PHASE ALIGNMENT STATUS
Table 17. DCI Phase Alignment Status Register (LVDS_STAT1)
Address
(Hex)
Bit Name
Bits
R/W
Default
Setting
Description
0x0C
DCI_PRE_PH0
2
R
0x0
0 = DCI rising edge is after the PRE delayed version of the Phase 0 sampling
edge.
1 = DCI rising edge is before the PRE delayed version of the Phase 0 sampling
edge.
DCI_PST_PH0
0
R
0x0
0 = DCI rising edge is after the POST delayed version of the Phase 0 sampling
edge.
1 = DCI rising edge is before the POST delayed version of the Phase 0 sampling
edge.
DATA RECEIVER CONTROLLER CONFIGURATION
Table 18. Data Receiver Controller Configuration Register (LVDS_REC_CNT1)
Address
(Hex)
Bit Name
Bits
R/W
Default
Setting
Description
0x10
RCVR_FLG_RST
2
W
0x0
Data receiver controller flag reset. Write 1 followed by 0 to reset flags.
RCVR_LOOP_ON
1
R/W
0x1
0 = disable, 1 = enable.
When this bit is enabled, the data receiver controller generates an IRQ; it
falls out of lock and automatically begins a search/track routine.
RCVR_CNT_ENA
0
R/W
0x0
Data receiver controller enable. 0 = disable, 1 = enable.
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com