Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-10-RFXG1 Datasheet(PDF) 27 Page - Amphenol Corporation

Part # 31-10-RFXG1
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-10-RFXG1 Datasheet(HTML) 27 Page - Amphenol Corporation

Back Button 31-10-RFXG1 Datasheet HTML 22Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 23Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 24Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 25Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 26Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 27Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 28Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 29Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 30Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 27 / 30 page
background image
v distributor stocked
BNC 75 ohm
Amphenol
®
Jacks - Printed Circuit Board
131
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Fig. 1
Fig. 2
Fig.3
BNC End Launch
31-6009
BNC Receptacle
31-70040-100T
BNC Right Angle PCB
Receptacle Bulkhead
31-70221
BNC PCB Vertical Mount
31-5716-4050
Fig. 5
Fig. 4
BNC Receptacle PCB Bulkhead
31-71062
Description
Terminal
Dimensions, inches (millimeters)
Notes
Mtg.
UG
75
Amphenol
Fig.
Type
a
b
c
Plt. Ins.
Hole
No.
Number
PCB Vertical Mount
Blunt Post
.716(18.2)
.434(11.0)
.177(4.5)
P17
D1
T2
31-5716-4050
3
End Launch Rec.
Blunt Post
.668(17.0)
.434(11.0)
.060(1.5)
P17
D1
—T1
31-6009
1
Receptacle
Blunt Post
.890(22.6)
.380(9.7)
.189(4.8)
P17
D1
—T1
31-70040-100T
2
Rt. Angle PCB Rec
Blunt Post
1.32(33.5)
.434(11.0)
.158(4.0)
P17
D1
T1
31-70221
4
Bulkhead
Rec. PCB Bulkhead
Blunt Post
.880(22.4)
.380(9.7)
.160(4.1)
P17
D1
T1
31-71062
5
75
Ω BNC JACKS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com