Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-10-RFXG1 Datasheet(PDF) 17 Page - Amphenol Corporation

Part # 31-10-RFXG1
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-10-RFXG1 Datasheet(HTML) 17 Page - Amphenol Corporation

Back Button 31-10-RFXG1 Datasheet HTML 13Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 14Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 15Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 16Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 17Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 18Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 19Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 20Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 21Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
BNC 50 ohm
Amphenol
®
Bulkhead Adapters
121
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Fig. 2
Fig. 1
* recognized under the component program of U.L, Inc. v distributor stocked
‡ IBM 5252764
BNC Bulkhead Adapters - Jack/Jack
4525
31-220G-RFX
31-220H
31-220N
31-220N-RFX
31-3220
BNC Isolated Bulkhead Adapters
Jack-Jack
31-4803
31-4803-1101
31-4803-RFX
Description
Dimensions, inches (millimeters)
Notes
Mtg.
Military
Amphenol
Fig.
a
b
c
e
Plt.
Ins.
Hole
Number
Number
Sealed, 50 PSI
Jack-Jack
1.40(35.6)
.687(17.45)
.683(17.3)
.187(4.8)
P1
D1
Y
UG-492A/U
31-220H *‡
1
Jack-Jack
1.53(38.9)
.688(17.5)
.672(17.0)
.281(7.1)
P4
D1
Y
UG-492D/U
31-3220*
1
Gasketed
Jack-Jack
1.56(39.6)
.689(17.5)
.681(17.3)
.295(7.5)
P7
D23
Y
31-220G-RFX
1
Jack-Jack
1.40(35.6)
.800(20.3)
.659(16.7)
.160(4.1)
P1
D1
Y
4525*
1
Non-sealed
Jack-Jack
1.40(35.6)
.800(20.3)
.664(16.9)
.187(4.8)
P1
D1
Y
31-220N
1
1.28(32.5)
.610(15.5)
.492(12.5)
.216(5.5)
P7
D23
Y
31-220N-RFX
1
Isolated from Panel
Jack-Jack
1.28(32.5)
.625(15.9)
.460(11.7)
.187(4.8)
P1
D12
Y
31-4803
2
1.28(32.5)
.625(15.9)
.460(11.7)
.187(4.8)
P15
D12
Y
31-4803-1101
2
1.28(32.5)
.625(15.9)
.460(11.7)
.187(4.8)
P15
D12
Y
31-4803-RFX
2
BNC BULKHEAD ADAPTERS
v
v
v
v
v
v
v
c
b
a
e max. panel
.510(13.0)
.475(12.1)
Y
c
b
a
e max. panel
.510(13.0)
.475(12.1)
Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com