Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-10-RFXG1 Datasheet(PDF) 6 Page - Amphenol Corporation

Part # 31-10-RFXG1
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-10-RFXG1 Datasheet(HTML) 6 Page - Amphenol Corporation

Back Button 31-10-RFXG1 Datasheet HTML 2Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 3Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 4Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 5Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 6Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 7Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 8Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 9Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 10Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
BNC 50 ohm
Amphenol
®
Bulkhead Jacks
110
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Fig. 1
31-30220-1
31-30220-8
31-4541
31-4541-RFX
31-4542
50
Ω BNC QUICKTRIM® Plugs
Fig. 2
Fig. 3
BNC SURETWIST® Plugs
31-5136
31-5136-RFX
31-5137
31-5137-RFX
BNC FCP Plugs
31-4700
31-4702
• accommodates cable diameter
* recognized under the component program of U.L., Inc.
v distributor stocked s includes outer ferrule
b
c•
a
b
c•
a
b
c•
a s
BNC CABLE PLUGS
Cable
Cable Attachment
Dimensions, inches (millimeters)
Notes
Military
Amphenol
Fig.
RG-/U
Outer
Inner
a s
b
c •
CAI
Plt.
Ins.
Number
Number
58 B/U
SURETWIST®
1.47(37.3)
.562(14.3)
.181(4.6)
C28
P5
D15
—
31-5137
2
SURETWIST®
1.48(37.6)
.571(14.5)
.185(4.7)
C28
P7
D23
—
31-5137-RFX
2
58
FCP
Pliers
1.06(27.0)
.563(14.3)
.206(5.23)
C30
P1
D1
—
31-4700*
3
QUICKTRIM®
1.06(27.0)
.563(14.3)
.207(5.3)
C29
P1
D1
—
31-30220-1
1
59
QUICKTRIM®
1.03(26.2)
.562(14.3)
.252(6.2)
C29
P1
D1
(IBM 1836444)
31-4541
1
QUICKTRIM®
1.03(26.2)
.562(14.3)
.252(6.2)
C29
P7
D23
—
31-4541-RFX
1
SURETWIST®
1.47(37.3)
.562(14.3)
.242(6.1)
C28
P5
D15
—
31-5136
2
SURETWIST®
1.48(37.6)
.571(14.5)
.242(6.1)
C28
P7
D23
—
31-5136-RFX
2
FCP
Pliers
1.06(27.0)
.563(14.3)
.259(6.56)
C30
P1
D1
—
31-4702*
3
223
QUICKTRIM®
1.06(27.0)
.563(14.3)
.225(5.7)
C29
P1
D1
—
31-30220-8
1
Belden 9268
QUICKTRIM®
1.06(27.0)
.563(14.3)
.275(6.99)
C29
P1
D1
(IBM 1836447)
31-4542
1
v
v
v
v
v
v
v
v



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com