Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-10-RFXG1 Datasheet(PDF) 19 Page - Amphenol Corporation

Part # 31-10-RFXG1
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-10-RFXG1 Datasheet(HTML) 19 Page - Amphenol Corporation

Back Button 31-10-RFXG1 Datasheet HTML 15Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 16Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 17Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 18Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 19Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 20Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 21Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 22Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 23Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
BNC 75 ohm
Amphenol
®
123
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Description
To meet the need for higher performance,
impedance matched cable interconnections,
Amphenol offers a full line of 75 ohm BNC
connectors. These connectors can be used in a
variety of applications where true 75 ohm
performance is needed to insure lower signal
distortion.
Features/Benefits
Designed for the most popular 75 ohm cables used
in broadcast and CATV applications as well as for
plenum cables and others — these connectors fea-
ture crimp-crimp cable affixment for quick and reli-
able installation.
Two distinct types of 75
Ω BNCs are available. Both
types mate with each other and with 50
Ω BNCs.
• Type 1 is designated 75
Ω BNC-T1 and
provides constant 75
Ω perfomance with low
VSWR DC to 4 GHz.
• Type 2 is designated 75
Ω BNC-T2 and is usable
with low reflection DC to 1 GHz. For applications
above 1 GHz, Type 1 is recommended.
Applications
• Broadcast
• Satellite TV Earth Stations
• Telecommunications
• LAN
• Test and Measurement
• Security Transmission Systems
• Telecom
• Computer Networks
• HDTV
75 ohm
75 ohm Connectors
123
BNC Plugs and Jacks
125-132
Adapters
133-134



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com