Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

31-10-RFXG1 Datasheet(PDF) 24 Page - Amphenol Corporation

Part # 31-10-RFXG1
Description  Bayonet coupling mechanism provides quick
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

31-10-RFXG1 Datasheet(HTML) 24 Page - Amphenol Corporation

Back Button 31-10-RFXG1 Datasheet HTML 20Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 21Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 22Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 23Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 24Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 25Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 26Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 27Page - Amphenol Corporation 31-10-RFXG1 Datasheet HTML 28Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
BNC 75 ohm
Amphenol
®
PCB Receptacles
128
Amphenol Corporation Tel: 800-627-7100
www.amphenolrf.com
Standard Height BNC Printed Circuit Board Right Angle Bulkhead Receptacles
Vertical BNC Printed Circuit Board Bulkhead Receptacles
Low Profile BNC Printed Circuit Board Bulkhead Receptacles
Isolated from Panel
White Valox Housing
31-71047 (Round Pins)
31-71047-1010 (Fork Pins)
Isolated from Panel
Black Valox Housing
31-71046 (Round Pins)
31-71046-1010 (Fork Pins)
Metal Housing
31-71043 (Round Pins)
31-71043-1010v
(Fork Pins)
Isolated from Panel
White Valox Housing
31-71052 (Round Pins)
31-71052-1010 (Fork Pins)
31-71052-10RFX
Isolated from Panel
Black Valox Housing
31-71053 (Round Pins)
31-71053-1010 (Fork Pins)
Metal Housing
31-71042 (Round Pins)
Isolated from Panel
White Valox Housing
31-71058 (Round Pins)
31-71058-1010 (Fork Pins)
Isolated from Panel
Black Valox Housing
31-71059 (Round Pins)
31-71059-1010 (Fork Pins)
Metal Housing
31-71045 (Round Pins)
31-71045-1010
(Fork Pins)
✩ Jam nuts and lockwashers sold separately. v distributor stocked
P
.468(11.9)
.500(12.7)
P
.468(11.9)
P
.468(11.9)
.500(12.7)
.500(12.7)
Fig. 1
Fig. 2
Fig. 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com