Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP671 Datasheet(PDF) 5 Page - Analog Devices

Part # ADCMP671
Description  Low Power, Adjustable UV and OV Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP671 Datasheet(HTML) 5 Page - Analog Devices

  ADCMP671 Datasheet HTML 1Page - Analog Devices ADCMP671 Datasheet HTML 2Page - Analog Devices ADCMP671 Datasheet HTML 3Page - Analog Devices ADCMP671 Datasheet HTML 4Page - Analog Devices ADCMP671 Datasheet HTML 5Page - Analog Devices ADCMP671 Datasheet HTML 6Page - Analog Devices ADCMP671 Datasheet HTML 7Page - Analog Devices ADCMP671 Datasheet HTML 8Page - Analog Devices ADCMP671 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Data Sheet
ADCMP671
Rev. 0 | Page 5 of 16
VDD = 1.7 V to 5.5 V, −40°C ≤ TA ≤ +85°C, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
THRESHOLDS1
Rising Input Threshold Voltage (VTH(R))
391.2
407.8
mV
VDD = 1.7 V
393.1
405.9
mV
VDD = 3.3 V
393.5
405.4
mV
VDD = 5.5 V
Falling Input Threshold Voltage (VTH(F))
383.3
400.9
mV
VDD = 1.7 V
384.7
398.4
mV
VDD = 3.3 V
384.4
398.2
mV
VDD = 5.5 V
Rising Input Threshold Voltage Accuracy
±1.6
%
VDD = 3.3 V
Falling Input Threshold Voltage Accuracy
±1.75
%
VDD = 3.3 V
Hysteresis = VTH(R) − VTH(F)
5.4
12.6
mV
INPUT CHARACTERISTICS
Input Bias Current
1
nA
VDD = 1.7 V, VIN = VDD
1
nA
VDD = 1.7 V, VIN = 0.1 V
OPEN-DRAIN OUTPUTS
Output Low Voltage2
250
mV
VDD = 1.7 V, IOUT = 3 mA
250
mV
VDD = 5.5 V, IOUT = 5 mA
Output Leakage Current3
0.1
μA
VDD = 1.7 V, VOUT = VDD
0.1
μA
VDD = 1.7 V, VOUT = 5.5 V
POWER SUPPLY
Supply Current4
14
μA
VDD = 1.7 V
15
μA
VDD = 5.5 V
1 RL = 100 kΩ, VOUT = 2 V swing.
2 VIN = 10 mV input overdrive.
3 VIN = 40 mV overdrive.
4 No load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com