Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP671 Datasheet(PDF) 11 Page - Analog Devices

Part # ADCMP671
Description  Low Power, Adjustable UV and OV Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP671 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADCMP671 Datasheet HTML 7Page - Analog Devices ADCMP671 Datasheet HTML 8Page - Analog Devices ADCMP671 Datasheet HTML 9Page - Analog Devices ADCMP671 Datasheet HTML 10Page - Analog Devices ADCMP671 Datasheet HTML 11Page - Analog Devices ADCMP671 Datasheet HTML 12Page - Analog Devices ADCMP671 Datasheet HTML 13Page - Analog Devices ADCMP671 Datasheet HTML 14Page - Analog Devices ADCMP671 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADCMP671
Rev. 0 | Page 11 of 16
1
OUTPUT SINK CURRENT (mA)
1000
100
10
0.001
100
10
1
0.1
0.01
TA = –40°C
VDD = 5.0V
VDD = 3.3V
VDD = 2.5V
VDD = 1.7V
Figure 16. Supply Current vs. Output Sink Current for TA = −40°C
1
OUTPUT SINK CURRENT (mA)
1000
100
10
0.001
100
10
1
0.1
0.01
VDD = 5.0V
VDD = 3.3V
VDD = 2.5V
VDD = 1.7V
TA = 85°C
Figure 17. Supply Current vs. Output Sink Current for TA = 85°C
–7
1.0
INPUT VOLTAGE (V)
–3
–5
00.2
0.6
–1
3
1
0.4
0.8
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
CURRENT IS POSITIVE
GOING INTO THE DEVICE
VDD = 5V
0V < VIB < 1V
Figure 18. Low Level Input Bias Current vs. Input Voltage
1
OUTPUT SINK CURRENT (mA)
1000
100
10
0.001
100
10
1
0.1
0.01
VDD = 5.0V
VDD = 3.3V
VDD = 2.5V
VDD = 1.7V
TA = 25°C
Figure 19. Supply Current vs. Output Sink Current for TA = 25°C
0.1
0
INPUT VOLTAGE (V)
1k
10k
100
10
1
–0.3
–0.2
–0.1
TA = +125°C
TA = +85°C
TA = +25°C
TA = –40°C
CURRENT IS GOING
OUT OF THE DEVICE.
VDD = 5V
–0.3V < VIB < 0V
Figure 20. Below Ground Input Bias Current vs. Input Voltage
0.01
5
INPUT VOLTAGE (V)
1
0.1
12
4
10
3
TA = –40°C
TA = +125°C
TA = +85°C
TA = +25°C
CURRENT IS GOING INTO THE DEVICE
VDD = 5V
VIB > 1V
Figure 21. High Level Input Bias Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com