Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP671 Datasheet(PDF) 8 Page - Analog Devices

Part # ADCMP671
Description  Low Power, Adjustable UV and OV Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP671 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADCMP671 Datasheet HTML 4Page - Analog Devices ADCMP671 Datasheet HTML 5Page - Analog Devices ADCMP671 Datasheet HTML 6Page - Analog Devices ADCMP671 Datasheet HTML 7Page - Analog Devices ADCMP671 Datasheet HTML 8Page - Analog Devices ADCMP671 Datasheet HTML 9Page - Analog Devices ADCMP671 Datasheet HTML 10Page - Analog Devices ADCMP671 Datasheet HTML 11Page - Analog Devices ADCMP671 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADCMP671
Data Sheet
Rev. 0 | Page 8 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
PWRGD
6
OV
2
GND
5
VDD
3
INH
4
INL
ADCMP671
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
PWRGD
Open-Drain Active High Power Good Output. It asserts when the input falls within the UV and OV window, for
example, INH high and INL low.
2
GND
Ground.
3
INH
Monitors for Supply Undervoltage Fault Through an External Resistor Divider Network. It is internally connected to the
noninverting input of a comparator. The other input of the comparator is connected to a 400 mV reference.
4
INL
Monitors for Supply Overvoltage Fault Through an External Resistor Divider Network. It is internally connected to the
inverting input of a comparator. The other input of the comparator is connected to a 400 mV reference.
5
VDD
Power Supply Pin.
6
OV
Open-Drain Output Active Low Overvoltage Fault Indication Output. It asserts when there is an overvoltage fault,
for example, INL high.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com