Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP671 Datasheet(PDF) 14 Page - Analog Devices

Part # ADCMP671
Description  Low Power, Adjustable UV and OV Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP671 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADCMP671 Datasheet HTML 8Page - Analog Devices ADCMP671 Datasheet HTML 9Page - Analog Devices ADCMP671 Datasheet HTML 10Page - Analog Devices ADCMP671 Datasheet HTML 11Page - Analog Devices ADCMP671 Datasheet HTML 12Page - Analog Devices ADCMP671 Datasheet HTML 13Page - Analog Devices ADCMP671 Datasheet HTML 14Page - Analog Devices ADCMP671 Datasheet HTML 15Page - Analog Devices ADCMP671 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
ADCMP671
Data Sheet
Rev. 0 | Page 14 of 16
APPLICATIONS INFORMATION
The ADCMP671 is a UV and OV monitor with a built-in 400 mV
reference that operates from 1.7 V to 5.5 V. The comparator is
0.275% accurate with a built-in hysteresis of 9.2 mV. The outputs
are open-drain, capable of sinking 40 mA.
COMPARATORS AND INTERNAL REFERENCE
There are two comparators inside the ADCMP671. The
comparator with its noninverting input connected to the INH
pin (and its inverting input connected internally to the 400 mV
reference) is for undervoltage detection, and the comparator
with its inverting input available through the INL pin (and its
noninverting input connected internally to the 400 mV reference)
is for overvoltage detection. The rising input threshold voltage of
the comparators is designed to be equal to that of the reference.
POWER SUPPLY
The ADCMP671 is designed to operate from 1.7 V to 5.5 V.
A 0.1 μF decoupling capacitor is recommended between VDD
and GND.
INPUTS
The comparator inputs are limited to the maximum VDD voltage
range. The voltage on these inputs can be more than VDD but never
more than the maximum allowed VDD voltage. When adding a
resistor string to the input, choose resistor values carefully because
the input bias current is in parallel with the bottom resistor of
the string. Therefore, choose the bottom resistor first to control
the error introduced by the bias current.
To minimize the number of external components use three
resistor dividers to program the UV and OV thresholds.
HYSTERESIS
To prevent oscillations at the output caused by noise or slowly
moving signals passing the switching threshold, each comparator
has a built-in hysteresis of approximately 8.9 mV.
VOLTAGE MONITORING SCHEME
When monitoring a supply rail, the desired nominal operating
voltage for monitoring is denoted by VM, IM is the nominal current
through the resistor divider, VOV is the overvoltage trip point,
and VUV is the undervoltage trip point.
Figure 34 illustrates the voltage monitoring input connection.
Three external resistors, RX, RY, and RZ, divide the positive voltage
for monitoring (VM) into the high-side voltage (VH) and low-
side voltage (VL). The high-side voltage is connected to the INH
pin, and the low-side voltage is connected to the INL pin.
INH
UV
OV
INL
VDD
GND
12V
RX
RY
RZ
5V
400mV
ADCMP671
PWRGD
OV
Figure 34. Undervoltage/Overvoltage Monitoring Configuration
To trigger an overvoltage condition, the low-side voltage (in this
case, VL) must exceed the 0.4 V threshold on the INL pin. The
low-side voltage, VL, is given by the following equation:
V
4
.
0
=
⎟⎟
⎜⎜
+
+
=
Z
Y
X
Z
OV
L
R
R
R
R
V
V
Also,
M
M
Z
Y
X
I
V
R
R
R
=
+
+
Therefore, RZ, which sets the desired trip point for the overvoltage
monitor, is calculated using the following equation:
( )
()()
M
OV
M
Z
I
V
V
R
)
4
.
0
(
=
To trigger the undervoltage condition, the high-side voltage, VH,
must fall below the 0.4 V threshold on the INH pin. The high-
side voltage, VH, is given by the following equation:
V
4
.
0
=
⎟⎟
⎜⎜
+
+
+
=
Z
Y
X
Z
Y
UV
H
R
R
R
R
R
V
V
Because RZ is already known, RY can be expressed as follows:
( )
()() Z
M
UV
M
Y
R
I
V
V
R
=
)
4
.
0
(
When RY and RZ are known, RX is calculated using the following
equation:
( )
()
Y
Z
M
M
X
R
R
I
V
R
=
If VM, IM, VOV, or VUV changes each step must be recalculated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com